Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 17 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology LT3071EUFD Datasheet HTML 19Page - Linear Technology LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
Figure 2. VIOC Control Block Diagram
PWRGD—Power Good
PWRGDpinisanopen-drainNMOSdigitaloutputthat
activelypullslowifanyoneofthesefaultmodesisde-
tected:
• VOUTislessthan90%ofVOUT(NOMINAL)ontherising
edgeofVOUT.
• VOUTdropsbelow85%ofVOUT(NOMINAL)formorethan
25µs.
• VBIASislessthanitsundervoltagelockoutthreshold.
• TheOUT-to-INreverse-currentdetectoractivates.
• Junctiontemperatureexceeds145°Ctypically.*
*Thejunctiontemperaturedetectorisanearlywarning
indicatorthattripsapproximately20°Cbeforethermal
shutdownengages.
Stability and Output Capacitance
TheLT3071’sfeedbacklooprequiresanoutputcapacitor
forstability.ChooseCOUTcarefullyandmountitinclose
proximitytotheLT3071’sOUTandGNDpins.Includewide
routingplanesforOUTandGNDtominimizeinductance.
Ifpossible,mounttheregulatorimmediatelyadjacentto
theapplicationloadtominimizedistributedinductance
for optimal load transient performance. Point-of-Load
applications present the best case layout scenario for
extractingfullLT3071performance.
LowESR,X5RorX7Rceramicchipcapacitorsarethe
LTCrecommendedchoiceforstabilizingtheLT3071.Ad-
ditionalbulkcapacitorsdistributedbeyondtheimmediate
decouplingcapacitorsareacceptableastheirparasiticESL
andESR,combinedwiththedistributedPCBinductance
isolatesthemfromtheprimarycompensationpoleprovided
bythelocalsurfacemountceramiccapacitors.
TheLT3071requiresaminimumoutputcapacitanceof
15µFforstability.LTCstronglyrecommendsthattheoutput
capacitornetworkconsistofseverallowvalueceramic
capacitorsinparallel.
Why Do Multiple, Small-Value Output Capacitors
Connected in Parallel Work Better?
TheLT3071’sunity-gainbandwidthwithCOUTof15µFis
about1MHzatitsfull-loadcurrentof5A.Surfacemounted
MLCC capacitors have a self-resonance frequency of
fR=1/(2π√LC),whichmustbepushedtoafrequencyhigher
thantheregulatorbandwidth.StandardMLCCcapacitors
areacceptable.Tokeeptheresonantfrequencygreater
than1MHz,theproduct1/(2π√LC)mustbegreaterthan
1MHz.Atthisbandwidth,PCBviascanaddsignificant
inductance,thusthefundamentaldecouplingcapacitors
mustbemountedonthesameplaneastheLT3071.
REFERENCE
LT3071
IN
VREF
VOUT +
300mV
OUT
VIOC
3071 F02
LOAD
+
–
PWM
SWITCHING REGULATOR
REF
FB
ITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com