Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 28 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology LT3071EUFD Datasheet HTML 22Page - Linear Technology LT3071EUFD Datasheet HTML 23Page - Linear Technology LT3071EUFD Datasheet HTML 24Page - Linear Technology LT3071EUFD Datasheet HTML 25Page - Linear Technology LT3071EUFD Datasheet HTML 26Page - Linear Technology LT3071EUFD Datasheet HTML 27Page - Linear Technology LT3071EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3071

3071f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900●FAX:(408)434-0507●www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0410 • PRINTED IN USA
relAteD pArts
PART
DESCRIPTION
COMMENTS
LT1764/LT1764A
3A,FastTransientResponse,LowNoiseLDO
340mVDropoutVoltage,LowNoise:40µVRMS,VIN:2.7Vto20V,
TO-220andDDPackages“A”VersionStableAlsowithCeramicCaps
LT1963/LT1963A
1.5ALowNoise,FastTransientResponseLDO
340mVDropoutVoltage,LowNoise:40µVRMS,VIN:2.5Vto20V,
“A”VersionStablewithCeramicCaps,TO-220,DD,SOT-223and
SO-8Packages
LT1965
1.1A,LowNoise,LowDropoutLinearRegulator
290mVDropoutVoltage,LowNoise:40µVRMS,VIN:1.8Vto20V,VOUT:1.2V
to19.5V,StablewithCeramicCaps,TO-220,DD-Pak,MSOPand
3mm
×3mmDFNPackages
LT3021
500mA,LowVoltage,VLDO™LinearRegulator
VIN:0.9Vto10V,DropoutVoltage=160mV(Typ),AdjustableOutput(VREF
=VOUT(MIN)=200mV),FixedOutputVoltages:1.2V,1.5V,1.8V,Stablewith
LowESR,CeramicOutputCapacitors16-PinDFN
(5mm
×5mm)and8-LeadSOPackages
LT3080/LT3080-1
1.1A,Parallelable,LowNoise,LowDropoutLinear
Regulator
300mVDropoutVoltage(2-SupplyOperation),LowNoise:40µVRMS,VIN:
1.2Vto36V,VOUT:0Vto35.7V,Current-BasedReferencewith1Resistor
VOUTSet;DirectlyParallelable(NoOpAmpRequired),StablewithCeramic
Caps,TO-220,SOT-223,MSOP-8and3mm
×3mmDFN-8Packages;
LT3080-1hasIntegratedInternalBallastResistor
LT3085
500mA,Parallelable,LowNoise,LowDropout
LinearRegulator
275mVDropoutVoltage(2-SupplyOperation),LowNoise:40µVRMS,VIN:
1.2Vto36V,VOUT:0Vto35.7V,Current-BasedReferencewith1Resistor
VOUTSet;DirectlyParallelable(NoOpAmpRequired),StablewithCeramic
Caps,MSOP-8and2mm
×3mmDFN-6Packages
LTC3025-1/LTC3025-2/
LTC3025-3/LTC3025-4
500mAMicropowerVLDOLinearRegulator
in2mm
×2mmDFN
VIN=0.9Vto5.5V,DropoutVoltage:75mV,LowNoise80µVRMS,
LowIQ:54µA,FixedOutput:1.2V(LTC3025-2),1.5V(LTC3025-3),
1.8V(LTC3025-4);AdjustableOutputRange:0.4Vto3.6V(LTC3025-1)
2mm
×2mm6-LeadDFNPackage
LTC3026
1.5A,LowInputVoltageVLDORegulator
VIN:1.14Vto3.5V(BoostEnabled),1.14Vto5.5V(withExternal5V),
VDO=0.1V,IQ=950µA,Stablewith10µFCeramicCapacitors,
10-LeadMSOPandDFN-10Packages
LT3070
5A,LowNoise,ProgrammableOutput,85mV
DropoutLinearRegulator
VIN:0.95Vto3V,VOUT:0.8Vto1.8Vin50mVIncrements,LowNoise:
25µVRMS,StablewithCeramicCapacitors,4mm×5mm28-LeadQFN
Package
typicAl ApplicAtion
1.5V to 1.2V Linear Regulator
BIAS
50k
LT3071
IN
EN
VO0
VO1
330µF
2.2µF
2.2µF*
0.01µF
1k
VMON
2V AT 5A
FULL SCALE
1nF
NC
4.7µF*
3071 TA02
10µF*
*X5R OR X7R CAPACITORS
PWRGD
VOUT
1.2V
5A
VO2
MARGA
IMON
VIOC
SENSE
OUT
VBIAS
2.2V TO 3.6V
VIN
1.5V
PWRGD
REF/BYP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com