Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 24 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology LT3071EUFD Datasheet HTML 22Page - Linear Technology LT3071EUFD Datasheet HTML 23Page - Linear Technology LT3071EUFD Datasheet HTML 24Page - Linear Technology LT3071EUFD Datasheet HTML 25Page - Linear Technology LT3071EUFD Datasheet HTML 26Page - Linear Technology LT3071EUFD Datasheet HTML 27Page - Linear Technology LT3071EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT3071

3071f
typicAl ApplicAtions
Figure 7. Regulator with VIOC Buck Control
0.1µF
1
20k
10k
2k
4.7nF
47µF
6.3V
3
BIAS
50k
LT3071
IN
EN
VO2
VO0
2.2µF
47µF
1.3V/5A
100µF
6.3V
2
2.2µF*
0.01µF
NOTES: LTC3415 SWITCHER, 2MHz INTERNAL OSCILLATOR
LTC3415 AND LT3071 ON SAME PCB POWER PLANE
4.7µF*
3070 F07
10µF*
PWRGD
*X5R OR X7R CAPACITORS
VOUT
1V
5A
VMON
2V AT 5A
FULL SCALE
VO1
MARGA
NC
NC
NC
VIOC
SENSE
OUT
VBIAS
3.3V
PWRGD
REF/BYP
IMON
GND
SGND
PVIN
PVIN
PLLLPF
CLKOUT
PHMODE
CLKIN
MODE
SW
SW
SW
SW
ITH
MGN
BSEL
VFB
ITHM
SGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PVIN
PVIN
RUN
PGOOD
TRACK
0.2µH
SVIN
SVIN
SVIN
NC
LTC3415EUHF
1nF
1k
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com