Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 11 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 7Page - Linear Technology LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3071

3071f
pin Functions
VIOC (Pin 1):VoltageforIn-to-OutControl.TheICin-
corporatesauniquetrackingfunctiontocontrolabuck
regulatorpoweringtheLT3071’sinput.TheVIOCpinis
theoutputofthistrackingfunctionthatdrivesthebuck
regulatortomaintaintheLT3071’sinputvoltageatVOUT+
300mV.Thisfunctionmaximizesefficiencyandminimizes
powerdissipation.SeetheApplicationsInformationsec-
tionformoreinformationonpropercontrolofthebuck
regulator.
PWRGD (Pin 2):PowerGood.ThePWRGDpinisanopen-
drainNMOSoutputthatactivelypullslowifanyoneof
thesefaultmodesisdetected:
• VOUTislessthan90%ofVOUT(NOMINAL)ontherising
edgeofVOUT.
• VOUTdropsbelow85%ofVOUT(NOMINAL)formorethan
25µs.
• Junctiontemperaturetypicallyexceeds145°C.
• VBIASislessthanitsundervoltagelockoutthreshold.
• TheOUT-to-INreverse-currentdetectoractivates.
SeetheApplicationsInformationsectionformoreinfor-
mationonPWRGDfaultmodes.
REF/BYP (Pin 3):ReferenceFilter.Thepinistheoutput
ofthebandgapreferenceandhasanimpedanceofap-
proximately19kΩ.Thispinmustnotbeexternallyloaded.
BypassingtheREF/BYPpintoGNDwitha10nFcapacitor
decreasesoutputvoltagenoiseandprovidesasoft-start
functiontothereference.LTCrecommendstheuseofa
highquality,lowleakagecapacitor.SeetheApplications
Informationsectionformoreinformationonnoiseand
outputvoltagemarginingconsiderations.
GND (Pins 4, 9-14, 20, 26, Exposed Pad Pin 29):Ground.
TheexposedpadoftheQFNpackageisanelectricalcon-
nectiontoGND.Toensureproperelectricalandthermal
performance,solderPin29tothePCBgroundandtieto
allGNDpinsofthepackage.TheseGNDpinsarefused
totheinternaldieattachpaddleandtheexposedpadto
optimizeheatsinkingandthermalresistancecharacteris-
tics.SeetheApplicationsInformationsectionforthermal
considerationsandcalculatingjunctiontemperature.
IN (Pins 5, 6, 7, 8): Input Supply. These pins supply
powertothehighcurrentpasstransistor.TieallINpins
togetherforproperperformance.TheLT3071requiresa
bypasscapacitoratINtomaintainstabilityandlowinput
impedanceoverfrequency.A47µFinputbypasscapacitor
sufficesformostbatteryandpowerplaneimpedances.
Minimizinginputtraceinductanceoptimizesperformance.
ApplicationsthatoperatewithlowVIN-VOUTdifferential
voltagesandthathavelarge,fastloadtransientsmayrequire
muchhigherinputcapacitorrequirementstopreventthe
inputsupplyfromdroopingandallowingtheregulatorto
enterdropout.SeetheApplicationsInformationsection
formoreinformationoninputcapacitorrequirements.
OUT (Pins 15, 16, 17, 18):Output.Thesepinssupply
powertotheload.TieallOUTpinstogetherforproper
performance.Aminimumoutputcapacitanceof15µFis
requiredforstability.LTCrecommendslowESR,X5Ror
X7Rdielectricceramiccapacitorsforbestperformance.
Aparallelceramiccapacitorcombinationof10µF+4.7µF
+2.2µFor151µFceramiccapacitorsinparallelprovide
excellentstabilityandloadtransientresponse.Largeload
transientapplicationsrequirelargeroutputcapacitorsto
limitpeakvoltagetransients.SeetheApplicationsInfor-
mationsectionformoreinformationonoutputcapacitor
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com