Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 15 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology LT3071EUFD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
FPGAandASICprocessorsaresufficienttostabilizethe
system(seeStabilityandOutputCapacitancesection).This
regulatordesignprovidesamplebandwidthandresponds
totransientloadchangesinafewhundrednanoseconds
versusregulatorsthatrespondinmanymicroseconds.
TheLT3071alsoincorporatesprecisioncurrentlimiting,
enable/disablecontrolofoutputvoltageandintegrated
overvoltage and thermal shutdown protection. The
LT3071’s unique design combines the benefits of low
dropout voltage, high functional integration, precision
performanceandUltraFasttransientresponse,aswellas
providingsignificantcostsavingsontheoutputcapacitance
neededinfastloadtransientapplications.
Aslowervoltageapplicationsbecomeincreasinglypreva-
lentwithhigherfrequencyswitchingpowersupplies,the
LT3071 offers superior regulation and an appreciable
componentcostsavings.TheLT3071stepstothenext
levelofperformanceforthelatestgenerationFPGAs,DSPs
andmicroprocessors.Thesimpleversatilityandbenefits
derivedfromthesecircuitsexceedthepowersupplyneeds
oftoday’shighperformancemicroprocessors.
Programming Output Voltage
Threetri-levelinputpins,VO2,VO1andVO0,selectthe
valueofoutputvoltage.Table1illustratesthe3-bitdigital
wordtooutputvoltageresultingfromsettingthesepins
high,loworallowingthemtofloat.
Thesepinsmaybetied
highorlowbyeitherpin-strapping
themtoVBIASordrivingthemwithdigitalports.Pinsthat
floatmayeitheractuallyfloatorrequirelogicthathas
Hi-Zoutputcapability.Thisallowsoutputvoltagetobe
dynamicallychangedifnecessary.
Outputvoltageisselectablefromaminimumof0.8Vto
amaximumof1.8Vinincrementsof50mV.TheMSB,
VO2,setsthepedestalvoltage,andtheLSB’s,VO1and
VO0incrementVOUT.
Outputvoltageislimitedto1.8Vmaximumbyaninternal
overrideofVO1(defaulttolow)whenVO2=high.
Table 1: VO2 to VO0 Settings vs Output Voltage
VO2 VO1 VO0
VOUT(NOM)
VO2 VO1 VO0
VOUT(NOM)
0
0
0
0.80V
Z
0
1
1.35V
0
0
Z
0.85V
Z
Z
0
1.40V
0
0
1
0.90V
Z
Z
Z
1.45V
0
Z
0
0.95V
Z
Z
1
1.50V
0
Z
Z
1.00V
Z
1
0
1.55V
0
Z
1
1.05V
Z
1
Z
1.60V
0
1
0
1.10V
Z
1
1
1.65V
0
1
Z
1.15V
1
X
0
1.70V
0
1
1
1.20V
1
X
Z
1.75V
Z
0
0
1.25V
1
X
1
1.80V
Z
0
Z
1.30V
X=Don’tCare,0=Low,Z=Float,1=High
Theinputlogiclowthresholdislessthan250mVrefer-
encedtoGNDandthelogichighthresholdisgreaterthan
VBIAS–250mV.Therangebetweenthesetwothresholds
as set by a window comparator defines the logicHi-Z
state.
REF/BYP—Voltage Reference
Thispinisthebufferedoutputoftheinternalbandgap
referenceandhasanoutputimpedanceof
≅19kΩ.The
designincludesaninternalcompensationpoleatfC=4kHz.
A10nFREF/BYPcapacitortoGNDcreatesalowpasspole
atfLP=840Hz.The10nFcapacitordecreasesreference
voltagenoisetoabout10µVRMSandsoft-startstherefer-
ence.TheLT3071onlysoft-startsthereferencevoltage
duringaninitialturn-onsequence.IftheENpinistoggled
lowafterinitialturn-on,thereferenceremainspowered-up.
Therefore,togglingtheENpinfromlowtohighdoesnot
soft-startthereference.OnlybyturningtheBIASsupply
voltageonandoffwillthereferencebesoft-started.Output
voltagenoiseistheRMSsumofthereferencevoltage
noiseinadditiontotheamplifiernoise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com