Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 5 Page - Linear Technology

  LT3071EUFD Datasheet HTML 1Page - Linear Technology LT3071EUFD Datasheet HTML 2Page - Linear Technology LT3071EUFD Datasheet HTML 3Page - Linear Technology LT3071EUFD Datasheet HTML 4Page - Linear Technology LT3071EUFD Datasheet HTML 5Page - Linear Technology LT3071EUFD Datasheet HTML 6Page - Linear Technology LT3071EUFD Datasheet HTML 7Page - Linear Technology LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3071

3071f
typicAl perFormAnce chArActeristics
Dropout Voltage vs VBIAS
Output Voltage (0.8V)
vs Temperature
Dropout Voltage vs IOUT
Dropout Voltage vs Temperature
Dropout Voltage vs Temperature
Dropout Voltage vs Temperature
Output Voltage (1V)
vs Temperature
Output Voltage (1.2V)
vs Temperature
Output Voltage (1.5V)
vs Temperature
OUTPUT CURRENT (A)
0
90
120
150
4
3071 G01
60
30
0
1
2
3
5
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 2.5V
VIN = VOUT(NOMINAL)
TJ = 25°C
TEMPERATURE (°C)
0
10
20
30
5
15
25
–25
25
75
125
3071 G02
175
–50
–75
0
50
100
150
VIN = VOUT(NOMINAL)
IOUT = 1A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V
TEMPERATURE (°C)
–75
60
80
100
125
3071 G03
40
20
50
70
90
30
10
0
–25
–50
25
0
75 100
150
50
175
VIN = VOUT(NOMINAL)
IOUT = 2.5A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V
TEMPERATURE (°C)
–75
90
120
150
125
3071 G04
60
30
0
–50 –25 0 25 50 75 100
150 175
VIN = VOUT(NOMINAL)
IOUT = 5A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V
BIAS VOLTAGE (V)
2.2
0
20
60
80
100
200
140
2.6
3.0
3.2
3071 G05
40
160
180
120
2.4
2.8
3.4
3.6
OUT = 1.8V
OUT = 1.5V
OUT = 0.8V
IOUT = 5A
TJ = 25°C
TEMPERATURE (°C)
–75
0.808
0.806
0.804
0.802
0.800
0.798
0.796
0.794
0.792
125
3071 G06
–25
25
75
175
100
–50
0
50
150
ILOAD = 10mA
TEMPERATURE (°C)
–75
1.002
1.006
1.010
125
3071 G07
0.998
0.994
1.000
1.004
1.008
0.996
0.992
0.990
–25
–50
25
0
75 100
150
50
175
ILOAD = 10mA
TEMPERATURE (°C)
1.188
1.196
1.204
1.212
1.192
1.200
1.208
–25
25
75
125
3071 G08
175
–50
–75
0
50
100
150
ILOAD = 10mA
TEMPERATURE (°C)
1.485
1.495
1.505
1.515
1.490
1.500
1.510
–25
25
75
125
3071 G09
175
–50
–75
0
50
100
150
ILOAD = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com