Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 18 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology LT3071EUFD Datasheet HTML 19Page - Linear Technology LT3071EUFD Datasheet HTML 20Page - Linear Technology LT3071EUFD Datasheet HTML 21Page - Linear Technology LT3071EUFD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
Typical0603or0805case-sizecapacitorshaveanESLof
~800pHandPCBmountingcancontributeupto~200pH.
Thus, it becomes necessary to reduce the parasitic
inductancebyusingaparallelcapacitorcombination.
Asuitablemethodologymustcontrolthisparallelingas
capacitorswiththesameself-resonantfrequency,fR,will
formatankcircuitthatcaninduceringingoftheirown
accord.SmallamountsofESR(5mΩto20mΩ)havesome
benefitindampeningtheresonantloop,buthigherESRs
degradethecapacitorresponsetotransientloadsteps
withrise/falltimeslessthan1µs.Themostareaefficient
parallelcapacitorcombinationisagraduated4/2/1scale
offRofthesamecasesize.Undertheseconditions,the
individualESLsarerelativelyuniform,andtheresonance
peaksaredeconstructivelyspreadbeyondtheregulator
bandwidth.Therecommendedparallelcombinationthat
approximates15µFis10µF+4.7µF+2.2µF.Capacitors
withcasesizeslargerthan0805havehigherESLand
lower ESR (<5mΩ). Therefore, more capacitors with
smallervalues(<10µF)mustbechosen.Usersshould
considernewgeneration,lowinductancecapacitorsto
pushoutfRandmaximizestability.Refertothesurface
mountceramiccapacitormanufacturer’sdatasheetsfor
capacitorspecifications.Figure3illustratesanoptimum
PCBlayoutfortheparalleloutputcapacitorcombination,
butalsoillustratestheGNDconnectionbetweentheIN
capacitorandtheOUTcapacitorstominimizetheAC
GNDloopforfastloadtransients.Thistightbypassing
connectionminimizesEMIandoptimizesbypassing.
Many of the applications in which the LT3071 excels,
suchasFPGA,ASICprocessororDSPsupplies,typically
requireahighfrequencydecouplingcapacitornetworkfor
thedevicebeingpowered.Thisnetworkgenerallyconsists
ofmanylowvalueceramiccapacitorsinparallel.Insome
applications,thistotalvalueofcapacitancemaybeclose
totheLT3071’sminimum15µFcapacitancerequirement.
Thismayreducetherequiredvalueofcapacitancedirectly
attheLT3071’soutput.Multiplelowvaluecapacitorsin
parallelpresentafavorablefrequencycharacteristicthat
pushesmanyoftheparasiticpoles/zeroesbeyondthe
LT3071’sunity-gaincrossoverfrequency.Thistechnique
illustrates the method that extracts the full bandwidth
performanceoftheLT3071.
Giveadditionalconsiderationtotheuseofceramiccapaci-
tors.Ceramiccapacitorsaremanufacturedwithavarietyof
dielectrics,eachwithdifferentbehavioracrosstemperature
andappliedvoltage.Themostcommondielectricsused
arespecifiedwithEIAtemperaturecharacteristiccodesof
Z5U,Y5V,X5RandX7R.TheZ5UandY5Vdielectricsare
goodforprovidinghighcapacitancesinasmallpackage,
buttheytendtohavestrongvoltageandtemperature
coefficientsasshowninFigures4and5.Whenusedwith
a5Vregulator,a16V10µFY5Vcapacitorcanexhibitan
effectivevalueaslowas1µFto2µFfortheDCbiasvoltage
appliedandovertheoperatingtemperaturerange.TheX5R
andX7Rdielectricsresultinmorestablecharacteristics
andaremoresuitableforuseastheoutputcapacitor.
Figure 3. Example PCB Layout
2.2µF
4.7µF
10µF
47µF
3071 F03
Lo-Z
INPUT
LOAD PLANE
LT3071
SENSE
IN OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com