Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 16 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology LT3071EUFD Datasheet HTML 19Page - Linear Technology LT3071EUFD Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
TheREF/BYPpinmustnotbeDCloadedbyanythingexcept
forapplicationsthatparallelotherLT3071regulatorsfor
higheroutputcurrents.ConsulttheApplicationsSection
onParallelingforfurtherdetails.
Output Voltage Margining
TheLT3071’sanalogmarginingpin,MARGA,providesa
continuousoutputvoltageadjustmentrangeof±10%.It
marginsVOUTbyadjustingtheinternal600mVreference
voltage up and down. The MARGA pin’s typical input
impedanceis190kΩbetweenMARGAandtheinternal
VREFnode.DrivingMARGAwith600mVto1.2Vprovides
0%to10%ofadjustment.DrivingMARGAwith600mVto
0Vprovides0%to–10%ofadjustment.Ifunused,allow
MARGAtofloatorbypassthispinwitha1nFcapacitor
toGND.Notethattheanalogmarginingfunctiondoesnot
adjustthePWRGDthreshold.Therefore,negativeanalog
marginingmaytripthePWRGDcomparatorandtoggle
thePWRGDflag.
Enable Function—Turning On and Off
TheENpinenables/disablestheoutputdeviceonly.The
LT3071referenceandallsupportfunctionsremainactive
ifVBIASisaboveitsUVLOthreshold.PullingtheENpin
lowputstheLT3071intonapmode.Innapmode,the
referencecircuitisactive,buttheoutputisdisabledand
quiescentcurrentdecreases.
DrivetheENpinwitheitheradigitallogicportoranopen-
collectorNPNoranopen-drainNMOSterminatedwith
apull-upresistortoVBIAS.Thepull-upresistormustbe
lessthan35ktomeettheVIHconditionoftheENpin.If
unused,connectENtoBIAS.
Input Undervoltage Lockout on BIAS Pin
An internal undervoltage lockout (UVLO) comparator
monitorstheBIASsupplyvoltage.IfVBIASdropsbelow
theUVLOthreshold,allfunctionsshutdown,thepass
transistorisgatedoffandoutputcurrentfallstozero.The
typicalBIASpinUVLOthresholdis1.55Vontherising
edgeofVBIAS.TheUVLOcircuitincorporatesabout150mV
ofhysteresisonthefallingedgeofVBIAS.
High Efficiency Linear Regulator—Input-to-Output
Voltage Control
TheVIOC(voltageinput-to-outputcontrol)pinisafunction
tocontrolaswitchingregulatorandfacilitateadesignsolu-
tionthatmaximizessystemefficiencyathighloadcurrents
andstillprovideslowdropoutvoltageperformance.
The VIOC pin is the output of an integrated transcon-
ductanceamplifierthatsourcesandsinksabout250µA
ofcurrent.IttypicallyregulatestheoutputofmostLTC®
switchingregulatorsorLTM®powermodules,bysinking
currentfromtheITHcompensationnode.TheVIOCfunction
controlsabuckregulatorpoweringtheLT3071’sinputby
maintainingtheLT3071’sinputvoltagetoVOUT+300mV.
This 300mV VIN-VOUT differential voltage is chosen to
providefasttransientresponseandgoodhighfrequency
PSRRwhileminimizingpowerdissipationandmaximizing
efficiency.Forexample,1.5Vto1.2Vconversionand1.3V
to1Vconversionyield1.5Wmaximumpowerdissipation
at5Afulloutputcurrent.
Figure2depictsthattheswitcher’sfeedbackresistornet-
worksetsthemaximumswitchingregulatoroutputvoltage
ifthelinearregulatorisdisabled.However,oncetheLT3071
isenabled,theVIOCfeedbackloopdecreasestheswitching
regulatoroutputvoltagebacktoVOUT+300mV.
UsingtheVIOCfunctioncreatesafeedbackloopbetween
theLT3071andtheswitchingregulator.Assuch,thefeed-
backloopmustbefrequencycompensatedforstability.
Fortunately,theconnectionofVIOCtomanyLTCswitching
regulatorITHpinsrepresentsahighimpedancecharac-
teristicwhichistheoptimumcircuitnodetofrequency
compensatethefeedbackloop.Figure2illustratesthe
typicalfrequencycompensationnetworkusedattheVIOC
nodetoGND.
TheVIOCamplifiercharacteristicsare:
gm=3.2mS,IOUT=±250µA,BW=10MHz.
If the VIOC function is not used, terminate the VIOC
pintoGNDwithasmallcapacitor(1000pF)toprevent
oscillations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com