Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 9 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 5Page - Linear Technology LT3071EUFD Datasheet HTML 6Page - Linear Technology LT3071EUFD Datasheet HTML 7Page - Linear Technology LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3071

3071f
Bias Voltage Line Regulation
typicAl perFormAnce chArActeristics
RMS Output Noise
vs Output Current
Output Noise (10Hz to 100kHz)
Input Voltage Line Regulation
Output Voltage Start-Up Time
vs CREF/BYP
Output Noise Spectral Density
Nap Mode Recovery Time vs IOUT
Input Voltage Line Transient
Response
Input Voltage Line Regulation
TEMPERATURE (°C)
–75
400
300
200
100
0
–100
–200
–300
–400
125
3071 G34
–25
25
75
175
100
–50
0
50
150
VBIAS = 3.25V TO 3.6V
VIN = 2.1V
VOUT = 1.8V
IOUT = 10mA
TEMPERATURE (°C)
0
100
200
300
50
150
250
–25
25
75
125
3071 G35
175
–50
–75
0
50
100
150
VBIAS = 3.3V
VIN = 1.05V TO 2.7V
VOUT = 0.8V
IOUT = 10mA
TEMPERATURE (°C)
0
100
200
300
50
150
250
–25
25
75
125
3071 G36
175
–50
–75
0
50
100
150
VBIAS = 3.3V
VIN = 2.05V TO 2.7V
VOUT = 1.8V
IOUT = 10mA
REF/BYP CAPACITANCE (µF)
0
12
16
20
0.4
3071 G37
8
4
10
14
18
6
2
0
0.1
0.2
0.3
0.5
VBIAS = 2.5V TO 3.3V
IOUT = 10mA
COUT = 10µF + 4.7µF + 2.2µF
TJ = 25°C
SEE APPLICATIONS
INFORMATION FOR
START-UP DETAILS
OUTPUT CURRENT (A)
0
150
200
250
3
5
3071 G38
100
50
0
1
2
4
300
350
400 V
BIAS = 3.3V
VIN = VOUT(NOM) + 300mV
EN = LOW TO HIGH
IOUT = 5A (SET BY A RESISTOR LOAD)
TJ = 25°C
VOUT = 1.8V,
COUT = 117µF
VOUT = 1.2V,
COUT = 117µF
VOUT = 0.8V,
COUT = 117µF
FREQUENCY (Hz)
0.01
0.1
10
1k
10k
100k
3071 G39
0.001
100
1.0
VBIAS = 2.5V
VOUT = 1V
IOUT = 5A
COUT = 16.9µF
CREF/BYP = 0.01µF
OUTPUT CURRENT (A)
0.01
40
60
80
0.1
1
10
3071 G40
20
30
50
70
10
0
VIN = VOUT(NOMINAL) + 300mV
VBIAS = 3.3V
COUT = 16.9µF
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.8V
VOUT
100µV/DIV
1ms/DIV
VOUT = 1V
IOUT = 5A
COUT = 16.9µF
3071 G41
VOUT
1mV/DIV
VIN
50mV/DIV
20µs/DIV
VIN = 1.3V
VOUT = 1V
IOUT = 5A
COUT = 16.9µF
3071 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com