Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 8Page - Linear Technology LT3071EUFD Datasheet HTML 9Page - Linear Technology LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3071

3071f
pin Functions
SENSE (Pin 19):KelvinSenseforOUT.TheSENSEpinis
theinvertinginputtotheerroramplifier.Optimumregulation
isobtainedwhentheSENSEpinisconnectedtotheOUT
pinsoftheregulator.Incriticalapplications,theresistance
(RP)ofPCBtracesbetweentheregulatorandtheloadcause
smallvoltagedrops,creatingaloadregulationerroratthe
pointofload.ConnectingtheSENSEpinattheloadinstead
ofdirectlytoOUTeliminatesthisvoltageerror.Figure1
illustratesthisKelvin-Senseconnectionmethod.Notethat
thevoltagedropacrosstheexternalPCBtracesaddstothe
dropoutvoltageoftheregulator.TheSENSEpininputbias
currentdependsontheselectedoutputvoltage.SENSE
pininputcurrentvariesfrom50µAtypicallyatVOUT=0.8V
to300µAtypicallyatVOUT=1.8V.
IMON (Pin 21): Output Current Monitor. The IMON pin
sourcesacurrenttypicallyequaltoIOUT/2500or400µA
perampofoutputcurrent.Terminatingthispinwitha
resistortoGNDproducesavoltageproportionaltoIOUT.
Forexample,atIOUT=5A,IMONtypicallysources2mA.
Witha1kresistortoGND,thisproduces2V.IfIMONis
unused,tiethispintoVBIAS.
MARGA (Pin 22):AnalogMargining:Thispinmarginsthe
outputvoltageoveracontinuousanalograngeof±10%.
TyingthispintoGNDadjustsoutputvoltageby–10%.
Drivingthispinto1.2Vadjustsoutputvoltageby+10%.A
voltagesourceoravoltageoutputDACisidealfordriving
thispin.IftheMARGAfunctionisnotused,eitherfloat
thispinorterminatewitha1nFcapacitortoGND.
VO0, VO1 and VO2 (Pins 23, 24, 25):OutputVoltageSe-
lect.Thesethree-statepinscombinetoselectanominal
outputvoltagefrom0.8Vto1.8Vinincrementsof50mV.
Outputvoltageislimitedto1.8Vmaximumbyaninternal
override of VO1whenVO2=high.Theinputlogiclow
thresholdislessthan250mVreferencedtoGNDandthe
logic
highthresholdisgreaterthanVBIAS–250mV.The
rangebetweenthesetwothresholdsassetbyawindow
comparatordefinesthelogic
Hi-Zstate.SeeTable1inthe
ApplicationsInformationsectionthatdefinestheVO2,VO1
andVO0settingsversusVOUT.
BIAS (Pin 27):BiasSupply.Thispinsuppliescurrentto
theinternalcontrolcircuitryandtheoutputstagedriving
thepasstransistor.TheLT3071requiresaminimum2.2µF
bypasscapacitorforstabilityandproperoperation.To
ensureproperoperation,theBIASvoltagemustsatisfy
thefollowingconditions:2.2V≤VBIAS≤3.6VandVBIAS≥
(1.25•VOUT+1V).ForVOUT≤0.95V,theminimumBIAS
voltageislimitedto2.2V.
EN (Pin 28):Enable.Thispinenables/disablestheoutput
deviceonly.Theinternalreferenceandallsupportfunctions
areactiveifVBIASisaboveitsUVLOthreshold.Pulling
ENlowkeepsthereferencecircuitactive,butdisables
theoutputpasstransistorandputstheLT3071intoalow
power
napmode.DrivetheENpinwitheitheradigitallogic
portoranopen-collectorNPNoranopen-drainNMOS
terminatedwithapull-upresistortoVBIAS.Thepull-up
resistormustbelessthan35ktomeettheVIHcondition
oftheENpin.Ifunused,connectENtoBIAS.
Figure 1. Kelvin Sense Connection
BIAS
LT3071
EN
IN
VO0
VO1
VBIAS
VIN
VO2
MARGA
VIOC
SENSE
PWRGD
OUT
IMON
RP
REF/BYP
GND
+
+
RP
3071 F01
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com