Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071EUFD Datasheet(PDF) 14 Page - Linear Technology

Part # LT3071EUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3071EUFD Datasheet HTML 10Page - Linear Technology LT3071EUFD Datasheet HTML 11Page - Linear Technology LT3071EUFD Datasheet HTML 12Page - Linear Technology LT3071EUFD Datasheet HTML 13Page - Linear Technology LT3071EUFD Datasheet HTML 14Page - Linear Technology LT3071EUFD Datasheet HTML 15Page - Linear Technology LT3071EUFD Datasheet HTML 16Page - Linear Technology LT3071EUFD Datasheet HTML 17Page - Linear Technology LT3071EUFD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
Introduction
Current generation FPGA and ASIC processors place
stringentdemandsonthepowersuppliesthatpowerthe
core,I/Oandtransceiverchannels.Thesemicroprocessors
maycycleloadcurrentfromnearzerotoampsintensof
nanoseconds.Outputvoltagespecifications,especiallyin
the1Vrange,requiretighttolerancesincludingtransient
responseaspartoftherequirement.SomeASICprocessors
requireonlyasingleoutputvoltagefromwhichthecore
andI/Ocircuitryoperate.SomehighperformanceFPGA
processorsrequireseparatepowersupplyvoltagesforthe
processorcore,theI/O,andthetransceivers.Often,these
supplyvoltagesmustbelownoiseandhighbandwidth
toachievethelowestbit-errorrates.Theserequirements
mandatetheneedforveryaccurate,lownoise,highcur-
rent,veryhighspeedregulatorcircuitsthatoperateatlow
inputandoutputvoltages.
TheLT3071isalowvoltage,UltraFasttransientresponse
linearregulator.Thedevicesuppliesupto5Aofoutput
currentwithatypicaldropoutvoltageof85mV.A0.01µF
referencebypasscapacitordecreasesoutputvoltagenoise
to25µVRMS(BW=10Hzto100kHz).TheLT3071’shigh
bandwidthprovidesUltraFasttransientresponseusinglow
ESRceramicoutputcapacitors(15µFminimum),saving
bulkcapacitance,PCBareaandcost.
TheLT3071’sfeaturespermit
state-of-the-artlinearregula-
torperformance.TheLT3071isidealforhighperformance
FPGAs,microprocessors,sensitivecommunicationsup-
plies,andhighcurrentlogicapplicationsthatalsooperate
overlowinputandoutputvoltages.
Output voltage for the LT3071 is digitally selectable in
50mVincrementsovera0.8Vto1.8Vrange.Ananalog
marginingfunctionallowstheusertoadjustsystemoutput
voltageoveracontinuous±10%range.
The LT3071 provides an output current monitor that
typically sources a current of IOUT/2500or400µAper
ampofIOUTatitsIMONpin.TerminatingtheIMONpinto
GNDwitharesistorproducesavoltageproportionalto
outputcurrent.Thispermitsausertomeasuresystem
performancesuchasoutputpowerorifoutputcurrent
exceedsorfallsbelowsomethreshold.
TheICincorporatesauniquetrackingfunction,whichif
enabledbytheuser,controlsanupsteamregulatorpower-
ingtheLT3071’sinput(seeFigure8).Thistrackingfunction
drivesthebuckregulatortomaintaintheLT3071’sinput
voltageto VOUT+300mV.Thisinput-to-outputvoltage
controlallowstheusertochangetheregulatoroutput
voltage,andhavetheswitchingregulatorpoweringthe
LT3071’sinputtotracktotheoptimuminputvoltagewith
nocomponentchanges.
This combines the efficiency of a switching regulator
withsuperiorlinearregulatorresponse.Italsopermits
thermalmanagementofthesystemevenwithamaximum
5Aoutputload.
LT3071internalprotectionincludesinputundervoltage
lockout(UVLO),reverse-currentprotection,precisioncur-
rentlimitingwithpowerfoldbackandthermalshutdown.
TheLT3071regulatorisavailableinathermallyenhanced
28-lead,4mm
×5mmQFNpackage.
TheLT3071’sarchitecturedrivesaninternalN-channel
powerMOSFETasasourcefollower.Thisconfiguration
permitsausertoobtainanextremelylowdropout,Ultra-
Fasttransientresponseregulatorwithexcellenthighfre-
quencyPSRRperformance.TheLT3071achievessuperior
regulatorbandwidthandtransientloadperformanceby
eliminatingexpensivebulktantalumorelectrolyticcapaci-
torsinthemostmodernanddemandingmicroprocessor
applications.Usersrealizesignificantcostsavingsasall
additional bulk capacitance is removed. The additional
savingsofinsertioncost,purchasing/inventorycostand
boardspacearereadilyapparent.Precisionincremental
outputvoltagecontrolaccommodateslegacyandfuture
microprocessorpowersupplyvoltages.
Outputcapacitornetworkssimplifytodirectparallelcom-
binationsofceramiccapacitors.Often,thehighfrequency
ceramicdecouplingcapacitorsrequiredbythesevarious



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com