Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 105 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 105 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 101Page - Motorola, Inc 68HC05CL48 Datasheet HTML 102Page - Motorola, Inc 68HC05CL48 Datasheet HTML 103Page - Motorola, Inc 68HC05CL48 Datasheet HTML 104Page - Motorola, Inc 68HC05CL48 Datasheet HTML 105Page - Motorola, Inc 68HC05CL48 Datasheet HTML 106Page - Motorola, Inc 68HC05CL48 Datasheet HTML 107Page - Motorola, Inc 68HC05CL48 Datasheet HTML 108Page - Motorola, Inc 68HC05CL48 Datasheet HTML 109Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
LCD DRIVER
MOTOROLA
REV 2.0
12-9
12.5
ELECTRICAL REQUIREMENTS
The contrast network will be monotonic under the normal operating conditions.
Note: Both ladder resistors and the contrast resistors are implemented using poly
resistor to minimize process and temperature variation.
12.5.1 DC Requirements
The DC voltage between Front-plane to Back-plane will be less than 50mV,
average over one frame. For VLCD = 3 to 5 volts and temperature range of –10°C
to 70
°C.
Table 12-4. Ladder Voltage Values
VLCD=5.0 volts
4:1 Bias
V5-V4
1.25
± 4%
V4-V3
1.25
± 4%
V3-V2
0
± 4%
V2-V1
1.25
± 4%
V1-V0
1.25
± 4%
Table 12-5. Contrast Resistor Values
Resistor
Resistor Values (ohm)
+/- 25%
RC0
10k
RC1
20k
RC2
40k
RC3
80k
R1
100k
R2
100k
R3
100k
R4
100k
R5
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com