Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 109 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 109 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 105Page - Motorola, Inc 68HC05CL48 Datasheet HTML 106Page - Motorola, Inc 68HC05CL48 Datasheet HTML 107Page - Motorola, Inc 68HC05CL48 Datasheet HTML 108Page - Motorola, Inc 68HC05CL48 Datasheet HTML 109Page - Motorola, Inc 68HC05CL48 Datasheet HTML 110Page - Motorola, Inc 68HC05CL48 Datasheet HTML 111Page - Motorola, Inc 68HC05CL48 Datasheet HTML 112Page - Motorola, Inc 68HC05CL48 Datasheet HTML 113Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
PHASE-LOCKED LOOP
MOTOROLA
REV 2.0
13-3
Figure 13-1. Phase Lock Loop Block Diagram
The phase comparator compares the rising edge of a 8kHz reference signal
derived from the 32kHz crystal clock to the rising edge of the VCO clock after
being divided by the divider. When there is a phase difference between the two
signals, the phase comparator output will adjust the DC level input to the VCO to
change the VCO frequency, see Figure 13-2.
Figure 13-2. Typical Waveform for PLL
32 kHz
VCO
Phase
Detector
Divider
Vss
External
Capacitor
XFC
8 kHz
PON
PCLK
FREQ1
FREQ0
PCSR
Frequency
Select
System clock
CLID clock
(1.8MHz)
32kHz
MUX
R1
OSC
DIVIDE
BY 4
MUX
PLLT
PLLT_IN
32kHz
PLL_CLK
OSCILLATOR
Reference
Signal
8 kHz
VCO out
After divider
Phase
Output
VCO in
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com