Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 107 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 107 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 103Page - Motorola, Inc 68HC05CL48 Datasheet HTML 104Page - Motorola, Inc 68HC05CL48 Datasheet HTML 105Page - Motorola, Inc 68HC05CL48 Datasheet HTML 106Page - Motorola, Inc 68HC05CL48 Datasheet HTML 107Page - Motorola, Inc 68HC05CL48 Datasheet HTML 108Page - Motorola, Inc 68HC05CL48 Datasheet HTML 109Page - Motorola, Inc 68HC05CL48 Datasheet HTML 110Page - Motorola, Inc 68HC05CL48 Datasheet HTML 111Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
PHASE-LOCKED LOOP
MOTOROLA
REV 2.0
13-1
SECTION 13
PHASE-LOCKED LOOP
System clock can be obtained either from the external 32kHz oscillator or from the
PLL. During power on or external reset, the system is defaulted to use the 32 kHz
clock from the external oscillator. This is to prevent the system from using
otherwise, an unstable clock from the PLL during reset. To use the PLL clock after
power on or external reset, the PON-bit should be set ‘1’ first to switch the PLL on,
a minimum of 10msec should then be allowed for the PLL clock to stabilize before
setting the PCLK-bit to ‘1’ to switch to use the PLL clock. Power on or external
reset clears the PCLK-bit.
Four clocks at different frequencies are available to the system from the PLL using
the frequency select bits FREQ0 and FREQ1 of the PCSR, see Table 13-1.
The PLL can be powered down to save power by setting the PON-bit to ‘0’. When
the PLL is powered up after it has been powered down, again the system should
allow a minimum of 10msec before switching onto the PLL clock. The PLL when it
is powered up, will also provide the 1.8MHz clock for the Caller ID module. Before
switching the PLL off, the PCLK-bit must be cleared thus selecting the 32kHz
crystal clock as the system clock. A minimum of 2*OSC cycles should be allowed
for the system to switch from the PLL clock to the oscillator clock.
Table 13-1. System Clock Frequency Selection
FREQ1
FREQ0
System Clock
0
0
3.6MHz
0
1
1.8MHz
1
0
900kHz
1
1
450kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com