Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 35Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 36Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 37Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 38Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 39Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 40Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 41Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 42Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Page 36
KM416RD8AS
Direct RDRAM
Rev. 0.9 July 1999
Target
.
Figure 39: TPARM Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
TCDLY0
TCLS
TCAS
Read/write register.
Reset value is undefined.
TCAS1..0 - Specifies the tCAS-C core parameter in
tCYCLE units. This should be “10” (2tCYCLE).
TCLS1..0 - Specifies the tCLS-C core parameter in
tCYCLE units. Should be “10” (2tCYCLE).
TCDLY0 - Specifies the tCDLY0-C core parameter in
tCYCLE units. This adds a programmable delay to Q
(read data) packets, permitting round trip read delay to
all devices to be equalized. This field may be written
with the values “010” (2
t
CYCLE) through “101”
(5
t
CYCLE).
Control Register: TPARM
Address: 04816
The equations relating the core parameters to the
datasheet parameters follow:
tCAS-C = 2tCYCLE
tCLS-C = 2tCYCLE
tCPS-C = 1tCYCLE
Not programmable
tOFFP = tCPS-C + tCAS-C + tCLS-C - 1tCYCLE
= 4
t
CYCLE
tRCD = tRCD-C + 1tCYCLE - tCLS-C
= tRCD-C - 1tCYCLE
tCAC = 3tCYCLE + tCLS-C + tCDLY0-C + tCDLY1-C
(see table below for programming ranges)
011
011
101
100
TCDLY0
011
3•t CYCLE
3•t CYCLE
5•t CYCLE
4•t CYCLE
tCDLY0-C
3•t CYCLE
010
001
010
010
TCDLY1
000
2
•t
CYCLE
1
•t
CYCLE
2
•t
CYCLE
2
•t
CYCLE
tCDLY1-C
0
•t
CYCLE
10
•t
CYCLE
9
•t
CYCLE
12
•t
CYCLE
11
•t
CYCLE
tCAC
8
•t
CYCLE
Figure 40: TFRM Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
TFRM3..0
Read/write register.
Reset value is undefined.
TFRM3..0 - Specifies the position of the framing point
in tCYCLE units. This value must be greater than or
equal to the tFRM,MIN parameter. This is the minimum
offset between a ROW packet (which places a device
at ATTN) and the first COL packet (directed to that
device) which must be framed. This field may be
written with the values “0111” (7
t
CYCLE) through
“1010” (10
t
CYCLE). TFRM is usually set to the value
which matches the largest tRCD,MIN parameter (modulo
4
t
CYCLE) that is present in an RDRAM in the memory
system. Thus, if an RDRAM with tRCD,MIN =
11
t
CYCLE were present, then TFRM would be
programmed to 7
t
CYCLE.
Control Register: TFRM
Address: 04916
Figure 41: TRDLY Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TCDLY1
Read/write register.
Reset value is undefined.
TCDLY1 - Specifies the value of the tCDLY1-C core
parameter in tCYCLE units. This adds a programmable
delay to Q (read data) packets, permitting round trip
read delay to all devices to be equalized. This field may
be written with the values “000” (0
t
CYCLE) through
“010” (2
t
CYCLE). Refer to Figure 39 for more details.
Control Register: TCDLY1
Address: 04a16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com