Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 37 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 37 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 33Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 34Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 35Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 36Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 37Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 38Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 39Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 40Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 41Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Page 34
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
Figure 32: REFB Register
Figure 33: CCA Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
REFB3..REFB0
Read/write register.
Reset value is zero (from SETR/CLRR).
Refresh Bank register.
REFB3..REFB0 is the bank that will be refreshed next
during self-refresh. REFB3..0 is incremented after each
self-refresh activate and precharge operation pair.
Control Register: REFB
Address: 04116
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
CCA6..CCA0
ASYMA
0
Read/write register.
Reset value is zero (SETR/CLRR or SIO Reset).
CCA6..CCA0 - Current Control A. Controls the IOL
output current for the DQA7..DQA0 pins.
ASYMA0 control the asymmetry of the VOL/VOH
voltage swing about the VREF reference voltage for the
DQA7..0 pins.
Control Register: CCA
Address: 04316
Figure 34: REFR Register
Figure 35: CCB Register
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
REFR8..REFR0
Read/write register.
Reset value is zero (from SETR/CLRR).
Refresh Row register.
REFR8..REFR0 is the row that will be refreshed next
by the REFP command or by self-refresh. REFR8..0 is
incremented when BR3..0=1111 for the REFA
command. REFR8..0 is incremented when
REFB3..0=1111 for self-refresh.
Control Register: REFR
Address: 04216
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
CCB6..CCB0
ASYMB
0
Read/write register.
Reset value is zero (SETR/CLRR or SIO Reset).
CCB6..CCB0 - Current Control B. Controls the IOL
output current for the DQB7..DQB0 pins.
ASYMB0 control the asymmetry of the VOL/VOH
voltage swing about the VREF reference voltage for the
DQB7..0 pins.
Control Register: CCB
Address: 04416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com