Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 3Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 4Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 9Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 10Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Page 4
KM416RD8AS
Direct RDRAM™
Target
Rev. 0.9 July 1999
Figure 2: 128 Mbit Direct RDRAM Block Diagram
Bank 31
DQA7..DQA0
Bank 30
Bank 29
Bank 18
Bank 17
Bank 16
Bank 15
Bank 14
Bank 13
Bank 1
Bank 0
DQB7..DQB0
8
1:8 Demux
1:8 Demux
Packet Decode
8
5
3
ROW2..ROW0
COL4..COL0
CTM CTMN
CFM CFMN
2
SCK,CMD
RCLK
TCLK
Control Registers
DC
COP
C
BC
MA
MB
DX
XOP
BX
DR
R
ROP
BR
8
8
6
5
5
5
5
5
6
9
5
5
11
AV
M
S
Write
Buffer
Match
Match
Mux
Match
DEVID
512x64x128
Internal DQB Data Path
Column Decode & Mask
64
8
8
64
8
DM
REFR
Row Decode
Mux
ACT
RD, WR
Power Modes
DRAM Core
Mux
XOP Decode
PREX
PREC
8
8
8
8
64
8
8
8
PRER
COLX
COLC
COLM
2
SIO0,SIO1
Sense Amp
Internal DQA Data Path
Packet Decode
ROWA
ROWR
RCLK
RCLK
RQ7..RQ5 or
RQ4..RQ0 or
32x64
64
32x64
32x64
Bank 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com