Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 43 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 43 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 39Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 40Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 41Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 42Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 43Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 44Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 45Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 46Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 47Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Page 40
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
PDEV5..0 address packet and exits NAP or PDN when the
wake-up sequence is presented on the CMD wire. The ROW
and COL pins must be quiet at a time tS4/tH4 around the indi-
cated falling SCK edge (timed with the PDNX or NAPX
register fields). After that, ROW and COL packets may be
directed to the RDRAM which is now in ATTN or STBY
state.
Figure 49 shows the constraints for entering and exiting
NAP and PDN states. On the left side, an RDRAM exits
NAP state at the end of cycle T3. This RDRAM may not re-
enter NAP or PDN state for an interval of tNU0. The
RDRAM enters NAP state at the end of cycle T13. This
RDRAM may not re-exit NAP state for an interval of tNU1.
The equations for these two parameters depend upon a
number of factors, and are shown at the bottom of the figure.
NAPX is the value in the NAPX field in the NAPX register.
On the right side of Figure 48, an RDRAM exits PDN state
at the end of cycle T3. This RDRAM may not re-enter PDN
or NAP state for an interval of tPU0. The RDRAM enters
PDN state at the end of cycle T13. This RDRAM may not re-
exit PDN state for an interval of tPU1. The equations for
these two parameters depend upon a number of factors, and
are shown at the bottom of the figure. PDNX is the value in
the PDNX field in the PDNX register.
Figure 46: STBY Entry (left) and STBY Exit (right)
STBY
ATTN
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
tAS
RLXR
Power
State
ATTN
Power
State
STBY
tSA
ROP a0
RLXC
RLXX
TFRM•t CYCLE
ROP = non-broadcast ROWA
or ROWR/ATTN
a0 = {d0,b0,r0}
a1 = {d1,b1,c1}
No COL packets may be
placed in the three
indicated positions; i.e. at
(TFRM - {1,2,3})•t CYCLE.
A COL packet to device d0
(or any other device) is okay
at
(TFRM)•t CYCLE
or later.
A COL packet to another
device (d1!= d0) is okay at
(TFRM - 4)•t CYCLE
or earlier.
COP a1
XOP a1
COP a1
XOP a1
COP a1
XOP a1
COP a0
XOP a0
COP a1
XOP a1
Figure 47: NAP Entry (left) and PDN Entry (right)
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
ROP a0
(NAPR)
Power
State
Power
State
a The (eventual) NAP/PDN exit will be to the same ATTN/STBY state the RDRAM was in prior to NAP/PDN entry
tCD
ROP a1
COP a0
XOP a0
COP a1
XOP a1
tASN
ATTN/STBYa
NAP
ROP a0
(PDNR)
ROP a1
COP a0
XOP a0
COP a1
XOP a1
tASP
ATTN/STBYa
PDN
quiet
quiet
quiet
quiet
tCD
tNPQ
tNPQ
restricted
restricted
restricted
restricted
a0 = {d0,b0,r0,c0}
a1 = {d1,b1,r1,c1}
No ROW or COL packets
directed to device d0 may
overlap the restricted
interval. No broadcast ROW
packets may overlap the quiet
interval.
ROW or COL packets to a
device other than d0 may
overlap the restricted
interval.
ROW or COL packets
directed to device d0 after the
restricted interval will be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com