Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 4 Page - Samsung semiconductor

  KM416RD8AS-RBM80 Datasheet HTML 1Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 2Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 3Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 4Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Rev. 0.9 July 1999
Page 1
KM416RD8AS
Direct RDRAM™
Target
Overview
The Rambus Direct RDRAM™ is a general purpose high-
performance memory device suitable for use in a broad
range of applications including computer memory, graphics,
video, and any other application where high bandwidth and
low latency are required.
The 128Mbit Direct Rambus DRAMs (RDRAM®) ar
extremely high-speed CMOS DRAMs organized as 8M
words by 16 bits. The use of Rambus Signaling Level (RSL)
technology permits 800MHz transfer rates while using
conventional system and board design technologies. Direct
RDRAM devices are capable of sustained data transfers at
1.25 ns per two bytes (10ns per sixteen bytes).
The architecture of the Direct RDRAMs allows the highest
sustained bandwidth for multiple, simultaneous randomly
addressed memory transactions. The separate control and
data buses with independent row and column control yield
over 95% bus efficiency. The Direct RDRAM's thirty-two
banks support up to four simultaneous transactions.
System oriented features for mobile, graphics and large
memory systems include power management, byte masking.
Features
♦ Highest sustained bandwidth per DRAM device
- 1.6GB/s sustained data transfer rate
- Separate control and data buses for maximized
efficiency
- Separate row and column control buses for
easy scheduling and highest performance
- 32 banks: four transactions can take place simul-
taneously at full bandwidth data rates
♦ Low latency features
- Write buffer to reduce read latency
- 3 precharge mechanisms for controller flexibility
- Interleaved transactions
♦ Advanced power management:
- Multiple low power states allows flexibility in power-
consumption versus time to transition to active state
- Power-down self-refresh
♦ Organization: 1Kbyte pages and 32 banks, x 16
♦ Uses Rambus Signaling Level (RSL) for up to 800MHz
operation
The 128Mbit Direct RDRAMs are offered in a CSP hori-
zontal package suitable for desktop as well as low-profile
add-in card and mobile applications.
Direct RDRAMs operate from a 2.5 volt supply.
Key Timing Parameters/Part Numbers
a.The “32s"designation indicates that this RDRAM core is composed of 32
banks which use a "split" bank architecture.
b.The “R"designation indicates that this RDRAM core uses Normal Power
Self Refresh.
c.The “S"designation indicates that this RDRAM core uses Low Power Self
Refresh.
Figure 1: Direct RDRAM Consumer CSP Package
Organization
Speed
Part Number
Binning
I/O
Freq.
MHz
trac (Row
Access
Time) ns
256Kx16x32sa -RM80
800
40
KM416RD8AS-RbM80
-SM80
800
40
KM416RD8AS-ScM80
SEC KOREA
KM4xx RD8AC
SEC KOREA
KM416RD8AS-RK80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com