Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 61 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 61 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 56Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 57Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 58Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 59Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 60Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 61Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 62Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 63Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 64Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
Page 58
KM416RD8AS
Direct RDRAM™
Rev. 0.9July 1999
Target
Center-Bonded uBGA Package
Figure 61 shows the form and dimensions of the recom-
mended package for the center-bonded CSP device class.
Figure 61: Center-Bonded uBGA Package
Table 27 lists the numerical values corresponding to dimen-
sions shown in Figure 61.
Table 27: Center-Bonded uBGA Package Dimensions
A
B
C
D
E
F
G
H
J
1
2
3
4
5
6
D
A
e1
d
E
E1
e2
Top
Bottom
Top
Bottom
7
Symbol
Parameter
Min
Max
Unit
e1
Ball pitch (x-axis)
1.27
1.27
mm
e2
Ball pitch (y-axis)
1.27
1.27
mm
A
Package body length
11.9
12.1
mm
D
Package body width
11.7
11.9
mm
E
Package total thickness
-
1.25
mm
E1
Ball height
0.45
0.55
mm
d
Ball diameter
0.55
0.65
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com