Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 48 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 48 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 44Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 45Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 46Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 47Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 48Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 49Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 50Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 51Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 52Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Page 45
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
tCYCLE1
SCK cycle time - Serial control register transactions
1000
-
ns
Figure 56
SCK cycle time - Power transitions
10
-
ns
Figure 56
tCH1, tCL1
SCK high and low times
4.25
-
ns
Figure 56
tS1
CMD setup time to SCK rising or falling edgea
1
-
ns
Figure 56
tH1
CMD hold time to SCK rising or falling edgec
1
-
ns
Figure 56
tS2
SIO0 setup time to SCK falling edge
40
-
ns
Figure 56
tH2
SIO0 hold time to SCK falling edge
35
-
ns
Figure 56
tS3
PDEV setup time on DQA5..0 to SCK rising edge.
0
-
ns
Figure 48,
Figure 57
tH3
PDEV hold time on DQA5..0 to SCK rising edge.
5.5
-
ns
tS4
ROW2..0, COL4..0 setup time for quiet windowb
-1
-
tCYCLE
Figure 48
tH4
ROW2..0, COL4..0 hold time for quiet window
5
-
tCYCLE
Figure 48
vIL,CMOS
CMOS input low voltage - over/undershoot voltage duration is less
than or equal to 5ns
- 0.7
VCMOS/2 -
0.6
V
vIH,CMOS
CMOS input high voltage - over/undershoot voltage duration is
less than or equal to 5ns
VCMOS/2
+ 0.6
VCMOS +
0.7
V
tNPQ
Quiet on ROW/COL bits during NAP/PDN entry
4
-
tCYCLE
Figure 47
tREADTOCC
Offset between read data and CC packets (same device)
12
-
tCYCLE
Figure 51
tCCSAMTOREAD
Offset between CC packet and read data (same device)
8
-
tCYCLE
Figure 51
tCE
CTM/CFM stable before NAP/PDN exit
2
-
tCYCLE
Figure 48
tCD
CTM/CFM stable after NAP/PDN entry
100
-
tCYCLE
Figure 47
tFRM
ROW packet to COL packet ATTN framing delay
7
-
tCYCLE
Figure 46
tNLIMIT
Maximum time in NAP mode
10.0
µs
Figure 45
tREF
Refresh interval
32
ms
Figure 50
tCCTRL
Current control interval
34 tCYCLE
100ms
ms/tCYCLE
Figure 51
tTEMP
Temperature control interval
100
ms
Figure 52
tTCEN
TCE command to TCAL command
150
-
tCYCLE
Figure 52
tTCAL
TCAL command to quiet window
2
2
tCYCLE
Figure 52
tTCQUIET
Quiet window (no read data)
140
-
tCYCLE
Figure 52
tPAUSE
RDRAM delay (no RSL operations allowed)
200.0
µs
page 28
a. With VIL,CMOS=0.5VCMOS-0.6V and VIH,CMOS=0.5VCMOS+0.6V
b. Effective setup becomes tS4 ’ =tS4+[PDNXA•64•t SCYCLE+tPDNXB,MAX]-[PDNX•256•t SCYCLE]
if [PDNX•256•t SCYCLE] < [PDNXA•64•t SCYCLE+tPDNXB,MAX]. See Figure 48.
Table 19: Timing Conditions
Symbol
Parameter
Min
Max
Unit
Figure(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com