Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 62 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 62 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 56Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 57Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 58Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 59Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 60Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 61Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 62Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 63Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 64Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Page 59
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
Glossary of Terms
ACT
Activate command from AV field.
activate
To access a row and place in sense amp.
adjacent
Two RDRAM banks which share sense
amps (also called doubled banks).
ASYM
CCA register field for RSL VOL/VOH.
ATTN
Power state - ready for ROW/COL
packets.
ATTNR
Power state - transmitting Q packets.
ATTNW
Power state - receiving D packets.
AV
Opcode field in ROW packets.
bank
A block of 2RBIT•2 CBITstorage cells in the
core of the RDRAM.
BC
Bank address field in COLC packet.
BBIT
CNFGA register field - # bank address
bits.
broadcast
An operation executed by all RDRAMs.
BR
Bank address field in ROW packets.
bubble
Idle cycle(s) on RDRAM pins needed
because of a resource constraint.
BYT
CNFGB register field - 8/9 bits per byte.
BX
Bank address field in COLX packet.
C
Column address field in COLC packet.
CAL
Calibrate (IOL) command in XOP field.
CBIT
CNFGB register field - # column address
bits.
CCA
Control register - current control A.
CCB
Control register - current control B.
CFM,CFMN
Clock pins for receiving packets.
Channel
ROW/COL/DQ pins and external wires.
CLRR
Clear reset command from SOP field.
CMD
CMOS pin for initialization/power control.
CNFGA
Control register with configuration fields.
CNFGB
Control register with configuration fields.
COL
Pins for column-access control.
COL
COLC,COLM,COLX packet on COL pins.
COLC
Column operation packet on COL pins.
COLM
Write mask packet on COL pins.
column
Rows in a bank or activated row in sense
amps have 2CBIT dualocts column storage.
command
A decoded bit-combination from a field.
COLX
Extended operation packet on COL pins.
controller
A logic-device which drives the
ROW/COL /DQ wires for a Channel of
RDRAMs.
COP
Column opcode field in COLC packet.
core
The banks and sense amps of an RDRAM.
CTM,CTMN
Clock pins for transmitting packets.
current control
Periodic operations to update the proper
IOL value of RSL output drivers.
D
Write data packet on DQ pins.
DBL
CNFGB register field - doubled-bank.
DC
Device address field in COLC packet.
device
An RDRAM on a Channel.
DEVID
Control register with device address that is
matched against DR, DC, and DX fields.
DM
Device match for ROW packet decode.
doubled-bank
RDRAM with shared sense amp.
DQ
DQA and DQB pins.
DQA
Pins for data byte A.
DQB
Pins for data byte B.
DQS
NAPX register field - PDN/NAP exit.
DR,DR4T,DR4F
Device address field and packet framing
fields in ROWA and ROWR packets.
dualoct
16 bytes - the smallest addressable datum.
DX
Device address field in COLX packet.
field
A collection of bits in a packet.
INIT
Control register with initialization fields.
initialization
Configuring a Channel of RDRAMs so
they are ready to respond to transactions.
LSR
CNFGA register field - low-power self-
refresh.
M
Mask opcode field (COLM/COLX packet).
MA
Field in COLM packet for masking byte A.
MB
Field in COLM packet for masking byte B.
MSK
Mask command in M field.
MVER
Control register - manufacturer ID.
NAP
Power state - needs SCK/CMD wakeup.
NAPR
Nap command in ROP field.
NAPRC
Conditional nap command in ROP field.
NAPXA
NAPX register field - NAP exit delay A.
NAPXB
NAPX register field - NAP exit delay B.
NOCOP
No-operation command in COP field.
NOROP
No-operation command in ROP field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com