Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 57 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 57 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 53Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 54Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 55Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 56Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 57Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 58Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 59Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 60Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 61Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
Page 54
KM416RD8AS
Direct RDRAM™
Rev. 0.9July 1999
Target
Timing Parameters
Table 22: Timing Parameter Summary
Parameter
Description
Min
-40
-800
Max
Units
Figure(s)
tRC
Row Cycle time of RDRAM banks -the interval between ROWA packets with
ACT commands to the same bank.
28
-
tCYCLE
Figure 15
Figure 16
tRAS
RAS-asserted time of RDRAM bank - the interval between ROWA packet
with ACT command and next ROWR packet with PRERa command to the
same bank.
20
64
µsb t
CYCLE
Figure 15
Figure 16
tRP
Row Precharge time of RDRAM banks - the interval between ROWR packet
with PRERa command and next ROWA packet with ACT command to the
same bank.
8
-
tCYCLE
Figure 15
Figure 16
tPP
Precharge-to-precharge time of RDRAM device - the interval between succes-
sive ROWR packets with PRERa commands to any banks of the same device.
8
-
tCYCLE
Figure 12
tRR
RAS-to-RAS time of RDRAM device - the interval between successive
ROWA packets with ACT commands to any banks of the same device.
8
-
tCYCLE
Figure 13
tRCD
RAS-to-CAS Delay - the interval from ROWA packet with ACT command to
COLC packet with RD or WR command). Note - the RAS-to-CAS delay seen
by the RDRAM core (tRCD-C) is equal to tRCD-C = 1 + tRCD because of differ-
ences in the row and column paths through the RDRAM interface.
8
-
tCYCLE
Figure 15
Figure 16
tCAC
CAS Access delay - the interval from RD command to Q read data. The equa-
tion for tCAC is given in the TPARM register in Figure 39.
8
12
tCYCLE
Figure 4
Figure 39
tCWD
CAS Write Delay (interval from WR command to D write data.
6
6
tCYCLE
Figure 4
tCC
CAS-to-CAS time of RDRAM bank - the interval between successive COLC
commands).
4
-
tCYCLE
Figure 15
Figure 16
tPACKET
Length of ROWA, ROWR, COLC, COLM or COLX packet.
4
4
tCYCLE
Figure 3
tRTR
Interval from COLC packet with WR command to COLC packet which causes
retire, and to COLM packet with bytemask.
8
-
tCYCLE
Figure 17
tOFFP
The interval (offset) from COLC packet with RDA command, or from COLC
packet with retire command (after WRA automatic precharge), or from COLC
packet with PREC command, or from COLX packet with PREX command to
the equivalent ROWR packet with PRER. The equation for tOFFP is given in
the TPARM register in Figure 39.
4
4
tCYCLE
Figure 14
Figure 39
tRDP
Interval from last COLC packet with RD command to ROWR packet with
PRER.
4
-
tCYCLE
Figure 15
tRTP
Interval from last COLC packet with automatic retire command to ROWR
packet with PRER.
4
-
tCYCLE
Figure 16
a. Or equivalent PREC or PREX command. See Figure 14.
b. This is a constraint imposed by the core, and is therefore in units of
µs rather than t
CYCLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com