Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 1 Page - Samsung semiconductor

  KM416RD8AS-RBM80 Datasheet HTML 1Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 2Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 3Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 4Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
KM416RD8AS
Direct RDRAM™
Target
Rev. 0.9 July 1999
128Mbit RDRAM
256K x 16 bit x 2*16 Dependent Banks
Direct RDRAMTM
Revision 0.9
July 1999
for Consumer Package


Similar Part No. - KM416RD8AS-RBM80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK70 SAMSUNG-KM416RD8ACD-RK70 Datasheet
3Mb / 64P
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK80 SAMSUNG-KM416RD8ACD-RK80 Datasheet
3Mb / 64P
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AD SAMSUNG-KM416RD8AD Datasheet
3Mb / 64P
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
More results

Similar Description - KM416RD8AS-RBM80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
512K x 2 BANKS x 16 BIT SDRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Samsung semiconductor
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
512K X 16 Bit X 2 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com