Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 9Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 10Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 11Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 12Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 13Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 14Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 15Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 16Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Page 10
KM416RD8AS
Direct RDRAM
Rev. 0.9 July 1999
Target
DQ Packet Timing
Figure 4 shows the timing relationship of COLC packets
with D and Q data packets. This document uses a specific
convention for measuring time intervals between packets: all
packets on the ROW and COL pins (ROWA, ROWR,
COLC, COLM, COLX) use the trailing edge of the packet as
a reference point, and all packets on the DQA/DQB pins (D
and Q) use the leading edge of the packet as a reference
point.
An RD or RDA command will transmit a dualoct of read
data Q a time tCAC later. This time includes one to five
cycles of round-trip propagation delay on the Channel. The
tCAC parameter may be programmed to a one of a range of
values ( 8, 9, 10, 11, or 12 tCYCLE). The value chosen
depends upon the number of RDRAM devices on the
Channel and the RDRAM timing bin. See Figure 39 for
more information.
A WR or WRA command will receive a dualoct of write
data D a time tCWD later. This time does not need to include
the round-trip propagation time of the Channel since the
COLC and D packets are traveling in the same direction.
When a Q packet follows a D packet (shown in the left half
of the figure), a gap (tCAC -tCWD) will automatically appear
between them because the tCWD value is always less than the
tCAC value. There will be no gap between the two COLC
packets with the WR and RD commands which schedule the
D and Q packets.
When a D packet follows a Q packet (shown in the right half
of the figure), no gap is needed between them because the
tCWD value is less than the tCAC value. However, , a gap of
tCAC -tCWD or greater must be inserted between the COLC
packets with the RD WR commands by the controller so the
Q and D packets do not overlap.
COLM Packet to D Packet Mapping
Figure 5 shows a write operation initiated by a WR
command in a COLC packet. If a subset of the 16 bytes of
write data are to be written, then a COLM packet is trans-
mitted on the COL pins a time tRTR after the COLC packet
containing the WR command. The M bit of the COLM
packet is set to indicate that it contains the MA and MB
mask fields. Note that this COLM packet is aligned with the
COLC packet which causes the write buffer to be retired.
See Figure 17 for more details.
If all 16 bytes of the D data packet are to be written, then no
further control information is required. The packet slot that
would have been used by the COLM packet (tRTR after the
COLC packet) is available to be used as an COLX packet.
This could be used for a PREX precharge command or for a
housekeeping command (this case is not shown). The M bit
is not asserted in an COLX packet and causes all 16 bytes of
the previous WR to be written unconditionally. Note that a
RD command will never need a COLM packet, and will
always be able to use the COLX packet option (a read opera-
tion has no need for the byte-write-enable control bits).
Figure 5 also shows the mapping between the MA and MB
fields of the COLM packet and bytes of the D packet on the
DQA and DQB pins. Each mask bit controls whether a byte
of data is written (=1) or not written (=0).
Figure 4: Read (Q) and Write (D) Data Packet - Timing for tCAC = 8, 9, 10, 11, or 12 tCYCLE
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
RD b1
Q (a1)
WR a1
D (a1)
tCWD
RD c1
Q (a1)
tCAC -tCWD
This gap on the DQA/DQB pins appears automatically
This gap on the COL pins must be inserted by the controller
tCAC
tCAC
WR d1
D (d1)
D (d1)
tCAC-tCWD
tCWD
WR d1
Q (c1)
• • •
• • •
WR d1
WR d1
• • •
D (d1)
Q (c1)
D (d1)
Q (c1)
• • •
• • •
Q (a1)
Q (a1)
Q (b1)
Q (b1)
WR d1
D (d1)
Q (c1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com