Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 41 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 41 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 37Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 38Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 39Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 40Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 41Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 42Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 43Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 44Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 45Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Page 38
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
Power State Management
Table 17 summarizes the power states available to a Direct
RDRAM. In general, the lowest power states have the
longest operational latencies. For example, the relative
power levels of PDN state and STBY state have a ratio of
about 1:110, and the relative access latencies to get read data
have a ratio of about 250:1.
PDN state is the lowest power state available. The informa-
tion in the RDRAM core is usually maintained with self-
refresh; an internal timer automatically refreshes all rows of
all banks. PDN has a relatively long exit latency because the
TCLK/RCLK block must resynchronize itself to the external
clock signal.
NAP state is another low-power state in which either self-
refresh or REFA-refresh are used to maintain the core. See
“Refresh” on page 43 for a description of the two refresh
mechanisms. NAP has a shorter exit latency than PDN
because the TCLK/RCLK block maintains its synchroniza-
tion state relative to the external clock signal at the time of
NAP entry. This imposes a limit (tNLIMIT) on how long an
RDRAM may remain in NAP state before briefly returning
to STBY or ATTN to update this synchronization state.
Figure 45 summarizes the transition conditions needed for
moving between the various power states. Note that NAP
and PDN have been divided into two substates (NAP-
A/NAP-S and PDN-A/PDN-S) to account for the fact that a
NAP or PDN exit may be made to either ATTN or STBY
states.
At initialization, the SETR/CLRR Reset sequence will put
the RDRAM into PDN-S state. The PDN exit sequence
involves an optional PDEV specification and bits on the
CMD and SIOIN pins.
Once the RDRAM is in STBY, it will move to the
ATTN/ATTNR/ATTNW states when it receives a non-
broadcast ROWA packet or non-broadcast ROWR packet
with the ATTN command. The RDRAM returns to STBY
from these three states when it receives a RLX command.
Alternatively, it may enter NAP or PDN state from ATTN or
STBY states with a NAPR or PDNR command in an ROWR
packet. The PDN or NAP exit sequence involves an optional
PDEV specification and bits on the CMD and SIO0 pins.
The RDRAM returns to the ATTN or STBY state it was
originally in when it first entered NAP or PDN.
An RDRAM may only remain in NAP state for a time
tNLIMIT. It must periodically return to ATTN or STBY.
The NAPRC command causes a napdown operation if the
RDRAM’s NCBIT is set. The NCBIT is not directly visible.
It is undefined on reset. It is set by a NAPR command to the
RDRAM, and it is cleared by an ACT command to the
RDRAM. It permits a controller to manage a set of
RDRAMs in a mixture of power states.
STBY state is the normal idle state of the RDRAM. In this
state all banks and sense amps have usually been left
precharged and ROWA and ROWR packets on the ROW
pins are being monitored. When a non-broadcast ROWA
packet or non-broadcast ROWR packet (with the ATTN
command) packet addressed to the RDRAM is seen, the
RDRAM enters ATTN state (see the right side of Figure 46).
This requires a time tSA during which the RDRAM activates
the specified row of the specified bank. A time
TFRM
•t
CYCLE after the ROW packet, the RDRAM will be
Table 17: Power State Summary
Power
State
Description
Blocks consuming power
Power
State
Description
Blocks consuming power
PDN
Powerdown state.
Self-refresh
NAP
Nap state. Similar to PDN
except lower wake-up
latency.
Self-refresh or
REFA-refresh
TCLK/RCLK-Nap
STBY
Standby state.
Ready for ROW
packets.
REFA-refresh
TCLK/RCLK
ROW demux receiver
ATTN
Attention state.
Ready for ROW and COL
packets.
REFA-refresh
TCLK/RCLK
ROW demux receiver
COL demux receiver
ATTNR
Attention read state.
Ready for ROW and COL
packets.
Sending Q (read data)
packets.
REFA-refresh
TCLK/RCLK
ROW demux receiver
COL demux receiver
DQ mux transmitter
Core power
ATTNW
Attention write state.
Ready for ROW and COL
packets.
Ready for D (write data)
packets.
REFA-refresh
TCLK/RCLK
ROW demux receiver
COL demux receiver
DQ demux receiver
Core power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com