Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 10Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 11Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 12Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 13Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 14Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 15Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 16Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 17Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Page 11
KM416RD8AS
Direct RDRAM™
Target
Rev. 0.9 July 1999
Figure 5: Mapping Between COLM Packet and D Packet for WR Command
CTM/CFM
COL4
COL3
COL2
COL1
COL0
T17
T18
T19
T20
MA7 MA5 MA3 MA1
M=1 MA6 MA4 MA2 MA0
MB7 MB4 MB1
MB6 MB3 MB0
MB5 MB2
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
MSK (a1)
retire (a1)
WR a1
D (a1)
ACT b0
ACT a0
Transaction a: WR
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a3 = {Da,Ba}
tRTR
T19
T20
T21
T22
CTM/CFM
DQB7
DQB6
DQB1
DQB0
DB63
DB7
DB15 DB23 DB31 DB39 DB47 DB55
DB6
DB14 DB22 DB30 DB38 DB46 DB54 DB62
DB1
DB9
DB17 DB25 DB33 DB41 DB49 DB57
DB0
DB8
DB16 DB24 DB32 DB40 DB48 DB56
COLM Packet
PRER a2
DQA7
DQA6
DQA1
DQA0
D Packet
MB0
DA63
DA7
DA15 DA23 DA31 DA49 DA47 DA55
DA6
DA14 DA22 DA30 DA38 DA46 DA54 DA62
DA1
DA9
DA17 DA25 DA33 DA41 DA49 DA56
DA0
DA8
DA16 DA24 DA32 DA40 DA48 DA56
MA0
MB1
MA1
MB2
MA2
MB3
MA3
MB4
MA4
MB5
MA5
MB6
MA6
MB7
MA7
tCWD
Each bit of the MB7..MB0 field
controls writing (=1) or no writing
(=0) of the indicated DB bits when
the M bit of the COLM packet is one.
Each bit of the MA7..MA0 field
controls writing (=1) or no writing
(=0) of the indicated DA bits when
the M bit of the COLM packet is one.
When M=1, the MA and MB
fields control writing of
individual data bytes.
When M=0, all data bytes are
written unconditionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com