Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM416RD8AS-RBM80 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # KM416RD8AS-RBM80
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS-RBM80 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button KM416RD8AS-RBM80 Datasheet HTML 13Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 14Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 15Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 16Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 17Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 18Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 19Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 20Page - Samsung semiconductor KM416RD8AS-RBM80 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Page 14
KM416RD8AS
Direct RDRAM™
Rev. 0.9 July 1999
Target
COL-to-COL Packet Interaction
Figure 8 shows three arbitrary packets on the COL pins.
Packets “b” and “c” must be separated by an interval
tCCDELAY which depends upon the command and address
values in all three packets. Table 12 summarizes the
tCCDELAY values for all possible cases.
Cases CC1 through CC5 summarize the rules for every situ-
ation other than the case when COPb is a WR command and
COPc is a RD command. In CC3, when a RD command is
followed by a WR command, a gap of tCAC -tCWD must be
inserted between the two COL packets. See Figure 4 for
more explanation of why this gap is needed. For cases CC1,
CC2, CC4, and CC5, there is no restriction (tCCDELAY is
tCC).
In cases CC6 through CC10, COPb is a WR command and
COPc is a RD command. The tCCDELAY value needed
between these two packets depends upon the command and
address in the packet with COPa. In particular, in case CC6
when there is WR-WR-RD command sequence directed to
the same device, a gap will be needed between the packets
with COPb and COPc. The gap will need a COLC packet
with a NOCOP command directed to any device in order to
force an automatic retire to take place. Figure 18 (right)
provides a more detailed explanation of this case.
In case CC10, there is a RD-WR-RD sequence directed to
the same device. If a prior write to the same device is unre-
tired when COPa is issued, then a gap will be needed
between the packets with COPb and COPc as in case CC6.
The gap will need a COLC packet with a NOCOP command
directed to any device in order to force an automatic retire to
take place.
Cases CC7, CC8, and CC9 have no restriction (tCCDELAY is
tCC).
For the purposes of analyzing COL-to-ROW interactions,
the PREC, WRA, and RDA commands of the COLC packet
are equivalent to the NOCOP, WR, and RD commands.
These commands also cause a precharge operation PREC to
take place. This precharge may be converted to an equiva-
lent PRER command on the ROW pins using the rules
summarized in Figure 14.
Figure 8: COL-to-COL Packet Interaction- Timing
CTM/CFM
DQA7..0
DQB7..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T
T17 T18 T19
COPa a1
Transaction a: COPa
COPc c1
Transaction b: COPb
Transaction c: COPc
a1 = {Da,Ba,Ca1}
b1 = {Db,Bb,Cb1}
c1 = {Dc,Bc,Cc1}
tCCDELAY
COPb b1
Table 12: COL-to-COL Packet Interaction - Rules
Case #
COPa
Da
Ba
Ca1
COPb
Db
Bb
Cb1
COPc
Dc
Bc
Cc1
tCCDELAY
Example
CC1
xxxx
xxxxx
x..x
x..x
NOCOP
Db
Bb
Cb1
xxxx
xxxxx
x..x
x..x
tCC
CC2
xxxx
xxxxx
x..x
x..x
RD,WR
Db
Bb
Cb1
NOCOP
xxxxx
x..x
x..x
tCC
CC3
xxxx
xxxxx
x..x
x..x
RD
Db
Bb
Cb1
WR
xxxxx
x..x
x..x
tCC+tCAC -tCWD
Figure 4
CC4
xxxx
xxxxx
x..x
x..x
RD
Db
Bb
Cb1
RD
xxxxx
x..x
x..x
tCC
Figure 15
CC5
xxxx
xxxxx
x..x
x..x
WR
Db
Bb
Cb1
WR
xxxxx
x..x
x..x
tCC
Figure 16
CC6
WR
== Db
x
x..x
WR
Db
Bb
Cb1
RD
== Db
x..x
x..x
tRTR
Figure 18
CC7
WR
== Db
x
x..x
WR
Db
Bb
Cb1
RD
/= Db
x..x
x..x
tCC
CC8
WR
/= Db
x
x..x
WR
Db
Bb
Cb1
RD
== Db
x..x
x..x
tCC
CC9
NOCOP
== Db
x
x..x
WR
Db
Bb
Cb1
RD
== Db
x..x
x..x
tCC
CC10
RD
== Db
x
x..x
WR
Db
Bb
Cb1
RD
== Db
x..x
x..x
tCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com