Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 17 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 17 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 13Page - International Rectifier IRPLDIM3 Datasheet HTML 14Page - International Rectifier IRPLDIM3 Datasheet HTML 15Page - International Rectifier IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
www.irf.com
- 17 -
Fig 9. Ballast Operating Points for IRPLDIM3
The operating points are as follows:
Preheat Frequency
56.4 kHz
Ignition Frequency
52.3 kHz
Resonance Frequency
43.8 kHz
Run Frequency
54.3 kHz
Table 3: Practical Operating Points. Lamp type: TL5/28 W, Line Input Voltage: 90-305 VAC
In order to guarantee that the ballast is always capable of producing a high enough output voltage
to ignite the lamp, the minimum frequency set by CT and RFMIN should be set close to the resonance
frequency. If the minimum frequency is set too far above the resonance frequency, then during ignition the
frequency will ramp down to the minimum frequency and remain there indefinitely. The ballast would not
be able to operate correctly as it would never reach a low enough frequency to enable the ignition
regulation to function, and would never produce enough voltage at the output, to ignite the lamp. In this
design CT is 1 nF and RFMIN is 15 k
giving a minimum frequency of approximately 40 kHz and a dead
time of 1.5 µs, which are acceptable values.
The value of RPH sets the preheat frequency and has been selected at 36 k . Since the minimum
frequency is now below the run frequency, in order to prevent over driving the lamp, it is important to set
the maximum lamp output. The operating range is defined by the values of RLS, R18 and R19. RLS is
chosen to be as large as possible, to produce a sufficient feedback voltage, without dissipating too much
power. A value of 22
has been calculated to produce an average feedback voltage of 1.5 V when the
lamp current is at its maximum value of 140 mA (RMS), with a power dissipation of 100 mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com