Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 3 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 3 Page - International Rectifier

  IRPLDIM3 Datasheet HTML 1Page - International Rectifier IRPLDIM3 Datasheet HTML 2Page - International Rectifier IRPLDIM3 Datasheet HTML 3Page - International Rectifier IRPLDIM3 Datasheet HTML 4Page - International Rectifier IRPLDIM3 Datasheet HTML 5Page - International Rectifier IRPLDIM3 Datasheet HTML 6Page - International Rectifier IRPLDIM3 Datasheet HTML 7Page - International Rectifier IRPLDIM3 Datasheet HTML 8Page - International Rectifier IRPLDIM3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.irf.com
- 3 -
3. Electrical Characteristics
Parameter
Units
Value
Lamp Type
28W TL5
Input Power
[W]
30
Lamp running voltage
[Vpp]
600
Run Mode Frequency
[kHz]
50
Preheat Mode Frequency
[kHz]
56
Preheat Time
[s]
1.0
Lamp Preheat Voltage
[Vpp]
600
Lamp Ignition Voltage
[kVpp]
2.0
Input AC Voltage Range
[VAC]
90-305VAC
Power Factor
0.995 at 120VAC
0.98 at 220 VAC
4. Fault Protection Characteristics
Fault
Protection
Ballast
Restart Operation
Brown-out
VDC Brown-out detect
Shutdown
Line voltage increase
Upper filament broken
CS Over Current detect
Deactivates
Lamp exchange
Lower filament broken
SD Open filament detect on
SD/EOL pin
Deactivates
Lamp exchange
Failure to ignite
CS Ignition detection timeout
Deactivates
Lamp exchange
No lamp
SD Open filament detect on
SD/EOL pin
Deactivates
Lamp inserted
End of life
EOL lamp voltage detection on
SD/EOL pin
Deactivates
Lamp exchange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com