Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 15 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 15 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 11Page - International Rectifier IRPLDIM3 Datasheet HTML 12Page - International Rectifier IRPLDIM3 Datasheet HTML 13Page - International Rectifier IRPLDIM3 Datasheet HTML 14Page - International Rectifier IRPLDIM3 Datasheet HTML 15Page - International Rectifier IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.irf.com
- 15 -
collector node is then connected via R18 to CDIV and R19 to 0 V (COM). This averages the PWM signal
and provides a DC reference to connect to the IRS2158D, which varies between 0V and the maximum
voltage set. The range can be changed if necessary by adjusting the value of R19.
The value of the lamp current sensing resistor RLS will determine the feedback voltage provided
to the op-amp feedback circuit of the IRS2158D. The value of RLS should be selected to provide as large a
feedback as possible without dissipating too much power at maximum light output. It is recommended to
keep the power dissipation in RLS below 0.25 W.
A delay is usually incorporated into dimming ballasts to provide a smooth fade from one dimming
level to the next. For example, if the control inputs were to be shorted together, the lamp would fade down
to minimum brightness over a period determined by the values used. This neatly avoids any flicker that
may be caused by sudden changes in load in the PFC boost regulator section. In this case delay is provided
via the time constant of R18 and CDIV. As the frequency of the PWM signal from the opto-isolator is of
the order of tens of Hz, the delay has been designed to be long enough to ensure minimal ripple on the DC
control voltage input to the IC. This can be increased if a longer fade time is desired by making CDIV
larger.
Since the lamp arc current is being sensed with a resistor, it is necessary to use voltage mode
preheating to avoid detecting the sum of the current in the arc added to the resonant output capacitor
(CRES) current. This has an additional advantage that during preheat and prior to ignition of the lamp the
arc current will always be zero and consequently the feedback circuit will not influence the oscillator
frequency at all until the lamp is running. This means that by setting the value of RPH the preheat will
occur in exactly the same way independent of the dimming control voltage achieving optimum preheat and
ignition under all conditions.
Design of the Ballast
The initial step in designing the ballast is to determine values required for the resonant output
inductor LRES and capacitor CRES. The Ballast Design Assistant (BDA) software, which can be
downloaded from the International Rectifier web site, is an extremely useful tool in doing this. The BDA
software used should be Version 4.2.x or above, this can be determined by clicking the Help button and
clicking About Ballast Designer.
The following inputs were selected:
IC
IRS2158D
Input
90 to 265VAC/500VDC
Lamp
T5 28W
Configuration
Single lamp/Voltage mode heating
Table 2: Initial BDA inputs. Lamp type: TL5/28W, Line Input Voltage: 90-305 VAC
The next step is to click “Calculate”. This displays the operating point for the ballast and
calculates the values of the tank components, i.e. LRES = 5.9 mH and CRES = 3.3 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com