Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 11 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 7Page - International Rectifier IRPLDIM3 Datasheet HTML 8Page - International Rectifier IRPLDIM3 Datasheet HTML 9Page - International Rectifier IRPLDIM3 Datasheet HTML 10Page - International Rectifier IRPLDIM3 Datasheet HTML 11Page - International Rectifier IRPLDIM3 Datasheet HTML 12Page - International Rectifier IRPLDIM3 Datasheet HTML 13Page - International Rectifier IRPLDIM3 Datasheet HTML 14Page - International Rectifier IRPLDIM3 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.irf.com
- 11 -
HORIZONTAL
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
Philips 3C85, Siemens N27 or equivalent
WINDING
START PIN FINISH PIN
TURNS WIRE DIAMETER (mm)
MAIN
ZX
PHYSICAL LAYOUT
TEST
MAIN WINDING INDUCTANCE
MIN 2.6
MAX 2.8
MAIN WINDING RESISTANCE
mm
mH
mH
MAX 1.5
Ohms
TYPE : LPFC
(TEST FREQUENCY = 50kHz)
NOMINAL INDUCTANCE
MAXIMUM CURRENT
MAXIMUM CORE TEMPERATURE
mH
Apk
ºC
100
NOTE : Inductor must not saturate at maximum current and maximum core temperature at given
test frequency.
ELECTRICAL LAYOUT
BOBBIN
PINS
E25/13/7 (EF25)
1
8
2.7
1
1
6
125
3
8
10
4 strands of AWG 32
Insulated single strand
5mm
5mm
20.05mm
25mm
TOP VIEW
1
2
3
4
8
7
6
5
4
7
15
Insulated single strand
AUX
Fig. 4: Power Factor Inductor Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com