Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 26 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 26 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier IRPLDIM3 Datasheet HTML 26Page - International Rectifier IRPLDIM3 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
www.irf.com
- 26 -
Fig 19. Brownout shutdown and restart
Trace
Color
Signal
2
Red
VDC Pin Voltage
3
Blue
Lamp Arc Current
4
Green
Lamp Voltage
The IRPLDIM3 ballast also includes end of life protection, which is enabled only after successful
ignition when the ballast is in run mode. The lamp voltage is divided down through REOL1, REOL2,
REOL3 and REOL4. This divided voltage is fed to two back to back zener diodes, DEOL1 (7.5 V) and
DEOL2 (5.1 V). The SD pin is internally biased at 2 V with a window comparator that has 1 V and 3 V
thresholds. If the positive peak of the lamp voltage becomes large enough to allow DEOL1 to reverse
breakdown then the SD pin voltage will rise above 3 V. A delay is incorporated by clocking the oscillator
pulses with the fault counter so that after a number of cycles the IRS2158D will shut down. The delay is
normally around 1ms and was added to provide some immunity to transients and false shutting down of the
end of life circuit. In the same way if the negative peak of the lamp voltage drops low enough for DEOL2
to reverse breakdown then the SD pin will fall below 1 V. After the same delay period the IRS2158D will
also shut down. This end of life circuit will therefore cause the ballast to shut down if an aging lamp is
connected if it produces an asymmetric voltage in either direction, due to the rectifying effect.
End of lamp life shutdown is often a mandatory requirement for electronic ballasts.
In the event of a ballast output becoming open circuit during running, for example if the lamp is
broken or cracked but the filament is still intact, the SD pin will not detect a fault. However the ballast will
still shut down because the CS pin will detect the transients caused by hard switching of the half bridge
MOSFETs. In this case the fault counter will be active so that approximately 60 consecutive transients need
to be detected by the CS pin before shut down. The broken lamp test is easily simulated by disconnecting
the high voltage end of the lamp during running, which is the end that is not connected to the SD pin lamp
out detection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com