Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 6Page - International Rectifier IRPLDIM3 Datasheet HTML 7Page - International Rectifier IRPLDIM3 Datasheet HTML 8Page - International Rectifier IRPLDIM3 Datasheet HTML 9Page - International Rectifier IRPLDIM3 Datasheet HTML 10Page - International Rectifier IRPLDIM3 Datasheet HTML 11Page - International Rectifier IRPLDIM3 Datasheet HTML 12Page - International Rectifier IRPLDIM3 Datasheet HTML 13Page - International Rectifier IRPLDIM3 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.irf.com
- 10 -
0.25W, Axial
58
1
Panasonic-ECG
ERJ-P08J473V
Resistor, 47 k ,
0.25W, 1206
R5
59
1
Panasonic-ECG
ERJ-P08J363V
Resistor, 36 k ,
0.25W, 1206
RPH
60
1
Panasonic-ECG
ERJ-P08J471V
Resistor, 470
,
0.25W, 1206
R8
61
1
Panasonic-ECG
ERJ-P08J511V
Resistor, 510
,
0.25W, 1206
R13
62
2
Panasonic-ECG
ERJ-P08J104V
Resistor, 100 k ,
0.25W, 1206
RS1, RS2
63
2
Panasonic-ECG
ERJ-P08J474V
Resistor, 470 k ,
0.25W, 1206
R23, R24
64
1
Panasonic-ECG
ERO-S2PHF2203
Resistor, 220 k ,
0.25W, Axial
RDC
65
1
Copal Electronics
CT-94EW203
Potentiometer,
20 k , top adjust
VR1
66
1
Panasonic-ECG
ERZ-V10D431
Varistor, 275VAC,
10mm
RV1
67
1
Phoenix Passive
5063FM1R000J12AF
X
Fusible Resistor, 1
F1
68
1
Wago
235 Series
Connector, 5 Way
P1
69
1
Wago
234 Series
Connector, 4 way
P2
Table 1: Bill of Materials. Lamp type: TL5/28W, Line Input Voltage: 90-305 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com