Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 18 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 18 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 14Page - International Rectifier IRPLDIM3 Datasheet HTML 15Page - International Rectifier IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.irf.com
- 18 -
Fig 10. Ballast Waveforms at Maximum Brightness
Trace
Color
Signal
1
Yellow
Half Bridge Voltage – VS
2
Red
Feedback Voltage at RLS (and DS1 Cathode)
3
Blue
Lamp Arc Current
4
Green
Lamp Voltage
A
Orange
Lamp Power (3 multiplied by 4)
The values of R18 and R19 have been selected so that when the opto-isolator IC4 is completely
off the voltage at the input of the error amplifier, at RDIM connection with the wiper of VR1, will be 1.5 V.
This will set the error amplifier input voltage to 1.5 V when the 0 to 10 V dimming control voltage is a
10 V and maximum output is required. This effectively limits the maximum lamp power because the error
amplifier will regulate the frequency in order to maintain equal voltage at RLS to the input voltage at
RDIM. The run frequency will therefore be above the ignition frequency.
The minimum dimming level can be set by R19 and adjusted by RV1, which prevents the opto-
isolator transistor from pulling the error amplifier input voltage all the way to zero. If the opto-isolator were
on continuously the input voltage to the error amplifier would be so low that the lamp would extinguish or
enter an unstable state of partial ignition. Tests have indicated that the T5 lamp behaves differently when
cold and hot at very low light levels. When the lamp is cold the arc tends to become unstable as the lamp
repeatedly extinguishes and re-ignites, however when the lamp is hot it is possible to dim all the way down
to virtually zero output and a state can be observed where the lamp is in a stable state of semi ignition,
characterized by an faint emission of light along only part of the length of the tube.
In a practical design it is desirable to limit the minimum output level to the minimum current at
which the lamp can maintain stable operation when cold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com