Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 20 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 20 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.irf.com
- 20 -
Arc Power
0
5
10
15
20
25
30
1
2
3
4
5
6
7
8
9
10
Arc Power
Fig 12. Graph of lamp arc power against control voltage input
Fig 13. Ballast Waveforms at Minimum Brightness
Power Factor Correction Section
The power factor correction stage at the front end of the ballast is based on a standard critical
conduction mode circuit using an industry standard control IC. This stage has been designed to provide a
DC bus of 480 V and operates with the AC line input voltage from 90 Vrms up to 305 Vrms, which is the
maximum voltage that may occur on a 277 VAC line, allowing virtually world wide operation.
The value of LPFC given by the BDA software is 2.7 mH. In a dimming design with a wide voltage input
range it is necessary to select the optimum value for the PFC inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com