Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 25 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 25 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier IRPLDIM3 Datasheet HTML 26Page - International Rectifier IRPLDIM3 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
www.irf.com
- 25 -
Fig 18. Lamp removal and replacement
Trace
Color
Signal
2
Red
SD Pin Voltage
3
Blue
Lamp Arc Current
4
Green
Lamp Voltage
The VDC pin of the IRS2158D (IC2) is also connected to the DC bus through the divider formed
by R23 and R24, with CVDC to COM to remove ripple and noise. This provides brown out protection for
the ballast which works by sensing the rectified AC line voltage at the positive output of BR1. When the
VDC voltage falls below 3 V the IRS2158D shuts down. The values of R23 and R24 are selected so that
this condition occurs when the AC line input drops below the minimum level at which the ballast can
maintain sufficient DC bus voltage for the lamp to remain ignited and run at the correct power. When the
ballast has shut down the voltage at the VDC pin will rise because the voltage at BR1 will no longer be full
wave rectified as there is no load and C2 is sufficient to maintain a DC level. To prevent the ballast from
immediately re-starting there is a 2 V hysteresis such that the VDC pin must rise above 5 V in order for the
IRS2158D to restart. This will only happen after the AC line has been restored to a sufficient level.
Without the brownout protection provided by the VDC pin if a brownout did occur the ballast
would shut down in the event of any hard switching at VS because voltage spikes would appear at the CS
pin. This would cause the fault counter to count up until the ballast shut down. In that event the ballast
would shut down and remain off until the line is switched off and then back on again. This is undesirable
and with the implementation of the VDC pin of the IR2158D can easily be avoided so that the ballast will
automatically recover from a Brownout event and switch the light back on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com