Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 9Page - International Rectifier IRPLDIM3 Datasheet HTML 10Page - International Rectifier IRPLDIM3 Datasheet HTML 11Page - International Rectifier IRPLDIM3 Datasheet HTML 12Page - International Rectifier IRPLDIM3 Datasheet HTML 13Page - International Rectifier IRPLDIM3 Datasheet HTML 14Page - International Rectifier IRPLDIM3 Datasheet HTML 15Page - International Rectifier IRPLDIM3 Datasheet HTML 16Page - International Rectifier IRPLDIM3 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.irf.com
- 13 -
8. Functional Description
The design of a dimmable ballast for linear lamps requires that the lamp power can be reduced
smoothly to a low output level, less than 5% of nominal lumen output. It is necessary that the lamp output
is able to be held at any level and that there will be no discernable flicker or instability at any level. In order
to accomplish this, a closed loop control scheme is required. The fluorescent lamp represents a complex
load, the impedance of which changes depending on the arc current and temperature of the gasses within
the lamp. Like all discharge lamps, the fluorescent lamp displays a negative resistance behavior, meaning
that as the current in the lamp increases the effective resistance of the lamp will reduce. The lamp
impedance is strongly dependent on the arc current, however the relationship is not linear and temperature
is also a factor.
The IRPLDIM3 ballast as shown in the block diagram of Fig. 1 supplies the lamp through a
resonant output circuit. In this design the lamp power is adjusted by changing the oscillation frequency of
the MOSFET half bridge, which is driven by the IRS2158D. In this system the lamp current against ballast
frequency characteristic of the system exhibits a sharp “knee” characteristic such that as the frequency
increases the lamp current is gradually reduced up to a point at which a small increase of frequency will
result in a large reduction in the lamp current.
Lamp
Current
Ballast Running
Frequency
Ballast / Lamp Operating Characteristic
Fig 6. Lamp Current against Ballast Frequency
Consequently it becomes necessary to include a stabilized closed loop feedback system to control
the lamp current by adjusting the ballast frequency by means of a voltage controlled oscillator (VCO). In
this example the VCO within the IRS2158D is driven by the output of an error amplifier and compensation
network that senses the lamp arc current directly and compares it with a reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com