Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 23 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 23 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier IRPLDIM3 Datasheet HTML 26Page - International Rectifier IRPLDIM3 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
www.irf.com
- 23 -
voltage range can be found to comply within the 3 to 5.5 times cold resistance limits. The cold resistance
can be easily measured with a digital multi-meter (DMM).
When the ballast is running, a true RMS digital voltmeter or differential oscilloscope probe can be
connected across the lower cathode and the voltage can be observed at maximum and minimum brightness.
The cathode voltage normally increases as the ballast is dimmed. The values of COUT1 and COUT2 plus
the resonant output inductor heater windings will control how much. Reducing the capacitance will reduce
the amount by which the voltage rises. The COUT1 and COUT2 values should be chosen to prevent the
voltage exceeding the upper limit at minimum output to prevent premature end blackening of the lamps and
reduced life.
Note that utilizing additional windings on the inductor to provide cathode heating means that
power is transferred through the core and consequently the core losses will increase and hence the core
operating temperature. The core will reach its highest operating temperature when the ballast is running at
minimum brightness.
The component values in this design have been selected for a 28W T5 linear lamp. The circuit will
need to be optimized for the particular lamp used to obtain best performance.
Ignition
The IRS2158D incorporates regulated ignition control.
Fig 16. Lamp Voltage and CPH pin voltage - No Ignition
At the end of the preheat period the IRS2158D VCO pin voltage increases and so the frequency
decreases until the voltage at the CS pin reaches the internal threshold of 1.25 V. At this point the
IRS2158D internally pulls down the VCO pin voltage and therefore regulates the circulating current in the
resonant output circuit of the ballast and maintains a constant voltage across the lamp (green trace). This
voltage will remain while the CPH pin voltage (red trace) charges from 1/3VCC to 1/2VCC. If the lamp has
not ignited at this point the IRS2158D will shut down. If preheat is insufficient the ballast will fail to ignite
and shut down at the end of the ignition phase as shown in Fig 16. In this design the ignition voltage has
been set at 1.25 kV peak and 2 kV peak to peak. This ignition voltage is correct for worst case conditions in
a 28W TL5 lamp and can be set by using an RCS value of 1.5R.
A good lamp normally ignites as the output voltage ramps up to the ignition regulation level as
shown in Fig 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com