Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 22 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 22 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier IRPLDIM3 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.irf.com
- 22 -
1.
The signal ground (pin 12) should only be connected to the power ground at one single point to
prevent ground loops from forming.
2.
The point described in (1) should be where the grounds of the current sense resistors for both the
half bridge MOSFETs and the lamp current feedback both meet.
3.
The VCC decoupling capacitor should be placed as close to the IRS2158D VCC (pin 13) and
COM (pin 12) as possible with the shortest possible traces.
4.
The devices; CPH, RMIN, CVCO, CT and CCS should all be located as close to the IRS2158D as
possible with traces to the relevant pins being as short as possible.
5.
The ground connections from the devices listed in (4) should be connected back to the COM pin
of the IRS2158D through the shortest possible traces. These should be connected back to the
COM pin of the IC without joining the power ground trace at any point. In the example shown
above the power ground trace runs along the lower side of the board on the bottom Copper layer
6.
The charge pump diode connection to ground should be made to the power ground not the signal
ground.
7.
The power factor correction section (if used) should be kept apart from the ballast control as
shown in the example above. the power factor correction section is at the left side of the PCB.
Output Inductor Design
The output inductor LRES should be designed to allow a sufficient peak ignition current without
saturating. This is important as the ballast will be unable to ignite if unable to deliver sufficient voltage at
the lamp. The ignition current depends on the type of lamp being used and must be kept to a minimum by
ensuring that the cathodes are sufficiently preheated. To minimize eddy current losses in the inductor
windings multi-stranded wire should be used. Ferrite cores of sufficiently good quality should also be used
to allow a high peak flux density at increased temperature and low core losses. It is important to have a
large enough air gap to produce the highest available peak current before allowing the inductor to saturate.
If the air gap is too large however, losses can occur because the magnetic field emanating from the gap
extends far enough to induce eddy currents in the windings.
When the cores are hot the saturation point and hence the peak current for the inductor will be
lower therefore a poorly designed inductor may result in the ballast failing to ignite the lamp during an
attempted hot re-strike.
The inductor design process can be greatly simplified by using the Ballast Designer software. For
this application it is recommended to fix the core size to EF25 and gap size at 1mm.
Lamp Preheating
It is essential that the lamp be sufficiently preheated before ignition. The correct preheat current
can be determined from published data or from International Rectifier’s Ballast Designer software.
It is necessary in order to achieve the maximum possible lamp life to heat the cathodes to the
correct temperature before ignition. Accelerated deterioration occurs if lamps are ignited when the cathodes
are either not sufficiently heated or over heated. The cathode temperature at ignition is determined by the
preheat current, which in turn is determined by the preheat frequency through RPH and the preheat time set
by CCPH.
Cathode heating after ignition (Run mode)
The lamp filament (Cathode) resistance over the range of dimming levels should be between 3 and
5.5 times the resistance when cold. A simple method for determining the hot resistance is to first connect
one cathode to a DC power supply via an ammeter and slowly increase the voltage from zero, noting the
current at 1 V intervals. This should be done until the cathode can be seen to be glowing red. When this
occurs the voltage should not be increased further or the cathode is likely to overheat and become open
circuit. With these results, the resistance can be calculated for each voltage and hence the acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com