Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 5Page - International Rectifier IRPLDIM3 Datasheet HTML 6Page - International Rectifier IRPLDIM3 Datasheet HTML 7Page - International Rectifier IRPLDIM3 Datasheet HTML 8Page - International Rectifier IRPLDIM3 Datasheet HTML 9Page - International Rectifier IRPLDIM3 Datasheet HTML 10Page - International Rectifier IRPLDIM3 Datasheet HTML 11Page - International Rectifier IRPLDIM3 Datasheet HTML 12Page - International Rectifier IRPLDIM3 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.irf.com
- 9 -
30
1
Kemet
T356D226K006AS
Capacitor, 22 µF,
6.3V, Tantalum
CLS
31
2
Panasonic-ECG
ECQ-P1H333FZW
Capacitor, 33 nF,
50V, Radial
COUT1, COUT2
32
1
Panasonic-ECG
ECW-H16332HL
Capacitor, 3.3 nF,
1600V
CRES
33
1
Panasonic-ECG
ECK-A3A102KBP
Capacitor, 1 nF,
1 kV, Radial
CSNUB
34
2
Panasonic-ECG
ECJ-3YC2D102J
Capacitor, 1 nF,
200V, 1206, NPO
CT, C10
35
1
Panasonic-ECG
ECJ-3YB2A223K
Capacitor, 22 nF,
100V, 1206
CVCO
36
1
Panasonic-ECG
ECJ-3VC2A222J
Capacitor, 2.2 nF,
100V, 1206, NPO
CC1
37
1
TDK
CS13-
E2GA332MYGS
Capacitor, 3.3 nF, Y
CY
38
2
Panasonic-ECG
ERJ-P08J684V
Resistor, 680 k ,
0.25W, 1206
R1, R2
39
1
Panasonic-ECG
ERJ-8ENF7501V
Resistor, 7.5 k ,
0.25W, 1206
R3
40
2
Panasonic-ECG
ERJ-P08J223V
Resistor, 22 k ,
0.25W, 1206
R6, R19
41
2
Panasonic-ECG
ERJ-P08J150V
Resistor, 15
,
0.25W, 1206
RLO, RHO
42
3
Panasonic-ECG
ERJ-P08J104V
Resistor, 100 k ,
0.25W, 1206
R9, R20, RSD
43
2
Panasonic-ECG
ERJ-P08J824V
Resistor, 820 k ,
0.25W, 1206
R10, R11
44
1
Panasonic-ECG
ERJ-P08J912V
Resistor, 9.1 k ,
0.25W, 1206
R12
45
1
Panasonic-ECG
ERJ-8ENF1001V
Resistor, 1 k ,
0.25W, 1206
RLIM
46
1
Panasonic-ECG
ERJ-P08J472V
Resistor, 4.7 k ,
0.25W, 1206
R14
47
6
Panasonic-ECG
ERJ-8ENF1002V
Resistor, 10 k ,
0.25W, 1206
R16, R17, RDIM,
RFB, RIN, ROUT
48
1
Panasonic-ECG
ERJ-P08J334V
Resistor, 330 k ,
0.25W, 1206
R18
49
2
Panasonic-ECG
ERJ-P08J100V
Resistor, 10
,
0.25W, 1206
R4, R21
50
2
Panasonic-ECG
ERJ-P08J153V
Resistor, 15 k ,
0.25W, 1206
R22, RFMIN
51
3
Panasonic-ECG
ERJ-P08J105V
Resistor, 1 M ,
0.25W, 1206
RCPH, RPU1,
RPU2
52
2
BC Components
5073NW1R500J12A
FXBC
Resistor, 1.5
, 1W,
Axial
RCS, RS
53
1
Panasonic-ECG
ERJ-P08J433V
Resistor, 43 k ,
0.25W, 1206
RVDC
54
4
Panasonic-ECG
ERJ-P08J224V
Resistor, 220 k ,
0.25W, 1206
REOL1, REOL2,
REOL3, R15
55
1
Panasonic-ECG
ERJ-P08J203V
Resistor, 20 k ,
0.25W, 1206
REOL4
56
1
Panasonic-ECG
ERJ-P08J101V
Resistor, 100
,
0.25W, 1206
R7
57
1
Panasonic-ECG
ERO-S2PHF22R0
Resistor, 22
,
RLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com