Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM3 Datasheet(PDF) 24 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 24 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier IRPLDIM3 Datasheet HTML 26Page - International Rectifier IRPLDIM3 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.irf.com
- 24 -
Fig 17. Lamp Voltage and Current – Correct Ignition
Protection Circuits
The SD pin of the IRS2158D is used for lamp removal protection. If there is no lamp present the
voltage at SD pin will be pulled above the 5 V threshold via RPU1 and RPU2 and RSD charging CSD1 and
CSD2 through DSD1 and DSD2. When a lamp is in circuit the voltage at the junction of RPU2 and RSD
will be held low via DS1 and RLS. In this way when a lamp is removed the ballast shuts down and the
lamp is replaced with a good one the ballast starts up again. In the IRPLDIM3 design the pull up of the SD
pin for lamp removal detection is connected to the DC bus instead of VCC as in some other designs. This is
because an additional 12 V zener diode DSD2 has been added, so that any voltage at the lower cathode
produced during preheat, which can contain some DC offset will never be sufficient to falsely trip the lamp
removal shut down circuit. In addition to this pulling up through resistors to the DC bus provides a more
rapid response without draining current from VCC and maintains the SD pin voltage firmly above the 5 V
threshold when no lamp is present under all conditions of line input voltage.
During preheat and ignition modes the end of life protection function, which monitors the lamp
voltage through the SD pin is not enabled, therefore the ballast will operate as long as the SD pin remains
below 5 V. The SD pin is normally biased at 2 V from an internal voltage source within the IRS2158D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com