Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 41Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 42Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 43Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 46Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
13892
FUNCTIONAL DEVICE OPERATION
I2C INTERFACE
I2C INTERFACE
I2C CONFIGURATION
When configured for I2C mode (see Table 7) the interface may be used to access the complete register map previously
described for SPI access. The MC13892 can function only as an I2C slave device, not as a host.
I2C interface protocol requires a device ID for addressing the target IC on a multi-device bus. To allow flexibility in addressing
for bus conflict avoidance, pin programmable selection is provided through the MOSI pin to allow configuration for the address
LSB(s). This product supports 7-bit addressing only; support is not provided for 10-bit or General Call addressing.
The I2C mode of the interface is implemented generally following the Fast Mode definition which supports up to 400 kbits/s
operation. Timing diagrams, electrical specifications, and further details can be found in the I2C specification.
Standard I2C protocol utilizes packets of 8 bits (bytes), with an acknowledge bit (ACK) required between each byte. However,
the number of bytes per transfer is unrestricted. The register map of the MC13892 is organized in 24 bit registers which
corresponds to the 24 bit words supported by the SPI protocol of this product. To ensure that the I2C operation mimics SPI
transactions in behavior of a complete 24 bit word being written in one transaction, software is expected to perform write
transactions to the device in 3 byte sequences, beginning with the MSB. Internally, data latching will be gated by the acknowledge
at the completion of writing the third consecutive byte.
Failure to complete a 3 byte write sequence will abort the I2C transaction and the register will retain its previous value. This
could be due to a premature STOP command from the master.
I2C read operations are also performed in byte increments separated by an ACK. Read operations also begin with the MSB
and 3 bytes will be sent out, unless a STOP command or NACK is received prior to completion.
The following examples show how to write and read data to the IC. The host initiates and terminates all communication. The
host sends a master command packet after driving the start condition. The device will respond to the host if the master command
packet contains the corresponding slave address. In the following examples, the device is shown always responding with an ACK
to transmissions from the host. If at any time a NAK is received, the host should terminate the current transaction and retry the
transaction.
I2C DEVICE ID
The I2C interface protocol requires a device ID for addressing the target IC on a multi-device bus. To allow flexibility in
addressing for bus conflict avoidance, pin programmable selection is provided to allow configuration for the address LSB(s). This
product supports 7-bit addressing only. Support is not provided for 10-bit or General Call addressing.
Because the MOSI pin is not utilized for I2C communication, it is reassigned for pin programmable address selection by
hardwiring to VCORE or GND at the board level, when configured for I2C mode. MOSI will act as Bit 0 of the address. The I2C
address assigned to FSL PM ICs (shared amongst our portfolio) is as follows:
00010-A1-A0, where the A1 and A0 bits are allowed to be configured for either 1 or 0. It is anticipated for a maximum of two
FSL PM ICs on a given board, which could be sharing an I2C bus. The A1 address bit is internally hardwired as a “0”, leaving the
LSB A0 for board level configuration. The A1 bit will be implemented such that it can be re-wired as a “1” (with a metal change
or fuse trim), if conflicts are encountered before the final production material is manufactured. The designated address is defined
as: 000100-A0.
I2C OPERATION
The I2C mode of the interface is implemented, generally following the Fast mode definition, which supports up to 400 kbits/s
operation. The exceptions to the standard are noted to be 7-bit only addressing, and no support for General Call addressing.
Timing diagrams, electrical specifications, and further details can be found in the I2C specification, which is available for
download at:
http://www.nxp.com/acrobat_download/literature/9398/39340011.pdf
Standard I2C protocol utilizes bytes of 8 bits, with an acknowledge bit (ACK) required between each byte. However, the
number of bytes per transfer are unrestricted. The register map is organized in 24 bit registers, which corresponds to the 24 bit
words supported by the SPI protocol of this product. To ensure that I2C operation mimics SPI transactions in behavior of a
complete 24 bit word being written in one transaction. The software is expected to perform write transactions to the device in 3
byte sequences, beginning with the MSB. Internally, data latching will be gated by the acknowledge at the completion of writing
the third consecutive byte.
Failure to complete a 3 byte write sequence will abort the I2C transaction, and the register will retain its previous value. This
could be due to a premature STOP command from the master, for example. I2C read operations are also performed in byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com