Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 52Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 53Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 54Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 55Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 56Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
13892
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK
the 15 bit DAY counter. The DAY counter can count up to 32767 days. The 1.0 Hz time tick can be used to generate a 1HZI
interrupt if unmasked.
TIME OF DAY ALARM
A Time Of Day Alarm (TODA) function can be used to turn on the application and alert the processor. If the application is
already on, the processor will be interrupted. The TODA and DAYA registers are used to set the alarm time. Only a single alarm
can be programmed at a time. When the TOD counter is equal to the value in TODA, and the DAY counter is equal to the value
in DAYA, the TODAI interrupt will be generated.
At initial power up of the application (application of the coin cell), the state of the TODA and DAYA registers will be all 1's. The
interrupt for the alarm (TODAI) is backed up by LICELL and will be valid at power up. If the mask bit for the TOD alarm (TODAM)
is high, then the TODAI interrupt is masked and the application will not turn on with the time of day alarm event
(TOD[16:0] = TODA[16:0] and DAY[14:0] = DAYA[14:0]). By default, the TODAM mask bit is set to 1, thus masking the interrupt
and turn on event.
TIMER RESET
As long as the supply at BP is valid, the real time clock will be supplied from VCORE. If not, it can be backed up from a coin
cell via the LICELL pin. When the backup voltage drops below RTCUVDET, the RTCPORB reset signal is generated and the
contents of the RTC will be reset. Additional registers backed up by coin cell will also reset with RTCPORB. To inform the
processor that the contents of the RTC are no longer valid due to the reset, a timer reset interrupt function is implemented with
the RTCRSTI bit.
RTC TIMER CALIBRATION
A clock calibration system is provided to adjust the 32,768 cycle counter that generates the 1.0 Hz timer for RTC timing
registers to comply with digital rights management specifications of ±50 ppm. This calibration system can be disabled, if not
needed to reduce the RTC current drain. The general implementation relies on the system processor to measure the 32.768 kHz
crystal oscillator against a higher frequency and more accurate system clock such as a TCXO. If the RTC timer needs a
correction, a 5 bit 2's complement calibration word can be sent via the SPI to compensate the RTC for inaccuracy in its reference
oscillator as defined in Table 18.
Note that the 32.768 kHz oscillator is not affected by RTCCAL settings. Calibration is only applied to the RTC time base
counter. Therefore, the frequency at the clock outputs CLK32K and CLK32KMCU are not affected.
The RTC system calibration is enabled by programming the RTCCALMODE[1:0] for desired behavior by operational mode.
A slight increase in consumption will be seen when the calibration circuitry is activated. To minimize consumption and
maximize lifetime when the RTC system is maintained by the coin cell, the RTC Calibration circuitry can be automatically disabled
Table 18. RTC Calibration Settings
Code in RTCCAL[4:0]
Correction in Counts per 32768
Relative correction in ppm
01111
+15
+458
00011
+3
+92
00001
+1
+31
00000
0
0
11111
-1
-31
11101
-3
-92
10001
-15
-458
10000
-16
-488
Table 19. RTC Calibration Enabling
RTCCALMODE
Function
00
RTC Calibration disabled (default)
01
RTC Calibration enabled in all modes except coin cell only
10
Reserved for future use. Do not use.
11
RTC Calibration enabled in all modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com