Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 161 page
background image
Analog Integrated Circuit Device Data
76
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Figure 17. Buck Switcher PFM Efficiency
SW1 PFM mode Efficiency Vout = 0,725 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10 15 20 25
30 35 40 45 50 55 60
65
70 75 80 85 90 95 100
Il oad (m A)
Vin = 2, 800 V
Vin = 3, 600 V
Vin = 4, 650 V
SW2 PFM mode Efficiency Vout = 1.250 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10 15 20 25
30 35 40 45 50 55 60
65
70 75 80 85 90 95 100
Il oad (m A)
Vin = 2, 800 V
Vin = 3, 600 V
Vin = 4, 650 V
SW4 PFM mode Efficiency Vout = 1.800 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10 15 20 25
30 35 40 45 50 55 60
65
70 75 80 85 90 95 100
Il oad (m A)
Vin = 2, 800 V
Vin = 3, 600 V
Vin = 4, 650 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com