Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 161 page
background image
Analog Integrated Circuit Device Data
78
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Figure 19. Buck Switcher PWM (Pulse Skipping) Efficiency
DYNAMIC VOLTAGE SCALING
To reduce overall power consumption, processor core voltages can be varied depending on the mode or activity level of the
processor. SW1 and SW2 allow for three different set points with controlled transitions to avoid sudden output voltage changes,
which could cause logic disruptions on their loads. Preset operating points for SW1 and SW2 can be set up for:
• Normal operation: output value selected by SPI bits SWx[4:0]. Voltage transitions initiated by SPI writes to SWx[4:0] are
governed by the same DVS stepping rate that is programmed for DVSx pin initiated transitions.
• DVS: output can be higher or lower than normal operation for tailoring to application requirements. Configured by SPI bits
SWxDVS[4:0] and controlled by a DVSx pin transition.
• Standby (Deep Sleep): can be higher or lower than normal operation, but is typically selected to be the lowest state retention
voltage of a given process. Set by SPI bits SWxSTBY[4:0] and controlled by a Standby event (STANDBY logically and'd with
STANDBYSEC). Voltage transitions initiated by Standby are governed by the same DVS stepping that is programmed for
DVSx pin initiated transitions.
The following tables summarize the set point control and DVS time stepping applied to SW1 and SW2.
Table 49. DVS Control Logic Table for SW1 and SW2
STANDBY (60)
DVSx Pin
Set Point Selected by
0
0
SWx[4:0]
0
1
SWxDVS[4:0]
1
X
SWxSTBY[4:0]
Notes
60.
STANDBY is the logical anding of STANDBY and STANDBYSEC
S W1 P WM Pu lse S kip pi ng mo de E ffi ciency Vo ut = 0, 725 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 0
40
5060
7080
90
10 0
Ilo a d (mA)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W1 PWM P ulse Ski ppi ng mo de E ffi ciency Vo ut = 0, 725 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50 1 00 150 200 25 0 300 35 0 4 00 450 50 0 55 0 6 00 650 70 0 7 50 800 85 0 90 0 9 50 10 0
0
105
0
Il oa d (mA)
Vin = 3,0 00 V
Vin = 3,6 00 V
Vin = 4,6 50 V
S W2 P WM Pu lse S kip pi ng mo de E ffi ciency Vo ut = 1. 250 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 0
40
5060
7080
90
10 0
Ilo a d (mA)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W2 P WM Pu lse S kip pin g m od e E ffici ency V ou t = 1.250 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50
1 00 1 50 20 0 25 0 300
350 4 00 4 50 50 0 55 0 600
650 7 00 7 50 80 0 85 0 900
Ilo a d (mA)
Vin = 3, 000 V
Vin = 3, 600 V
Vin = 4, 650 V
S W4 P WM Pu lse S kip pi ng mo de E ffi ciency Vo ut = 1. 800 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
1 0203 0
40
5060
7080
90
10 0
Ilo a d (mA)
Vin = 3 ,00 0 V
Vin = 3 ,60 0 V
Vin = 4 ,65 0 V
S W4 PWM P ulse Ski ppi ng mo de E ffi ciency Vo ut = 1. 800 V
0%
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
50
1 00 1 50 20 0 2 50 30 0 35 0 400
450 5 00 5 50 60 0 65 0 700
750 8 00
850 9 00
Il oa d (mA)
Vin = 3,0 00 V
Vin = 3,6 00 V
Vin = 4,6 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com