Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 94Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
91
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
OVER-VOLTAGE PROTECTION
In order to protect the application, the voltage at the CHRGRAW pin is monitored. When crossing the threshold, the charge
path regulator will be turned off immediately, by opening M1 and M2, while M3 gets closed. When the over-voltage condition
disappears for longer than the debounce time, charging will resume and previously programmed SPI settings will be reloaded.
An interrupt CHGFAULTI is generated with associated CHGFAULTM mask bit with the CHGFAULTS[1:0] bits set to 01.
In order to ensure immediate protection, the control of M1, M2, and M3 occurs real-time, so asynchronously to the charger
state machine. As a result, for over-voltage conditions of up to 30
μs, the charger state machine may not always end up in the
over-voltage fault state, and therefore an interrupt may not always be generated.
The VBUS pin is also protected against over-voltages. This will occur at much lower levels for CHRGRAW. When a VBUS
over-voltage is detected the internal circuitry of the USB block is disconnected. A USBOVI is generated in this case. For more
details see Connectivity.
When the maximum voltage of the IC is exceeded, damage will occur to the IC and the state of M1 and M2 cannot be
guaranteed. If the user wants to protect against these failure conditions, additional protection will be required.
Table 64. Charge Path Regulator Characteristics
Parameter
Condition
Min
Typ
Max
Units
Input Operating Voltage
CHRGRAW
BATTMIN
-
17
V
Output voltage trimming accuracy
VCHRG[2:0] = 011
Charge current 50 mA at T = 25 °C
-
-
0.35
%
Output Voltage Spread
VCHRG[2 :0] = 011, 1xx
-
-
-
Charge current 1.0 to 100 mA
-1.5
-
1.5
%
Charge current > 100 mA and above
-3.0
-
1.5
%
Current Limit Tolerance(65)
ICHRG[3:0] =0 001
68
80
92
mA
ICHRG[3:0] = 0100
360
400
440
mA
ICHRG[3:0] = 0110
500
560
620
mA
All other settings
-
-
15
%
Start-up Overshoot
Unloaded
-
-
2.0
%
Configuration
Input Capacitance
CHRGRAW (66)
-
2.2
-
μF
Load Capacitor
BPSNS (66)
10
-
4.7
μF
Cable Length
(67)
-
-
3.0
m
Notes
65.
Excludes spread and tolerances due to board routing and 100 mOhm sense resistor tolerances.
66.
An additional derating of 35% is allowed.
67.
This condition applies when using an external charger with a 3.0 m long cable.
Table 65. Charger Over-voltage Protection Characteristics
Parameter
Condition
Min
Typ
Max
Units
Over-voltage Comparator High Voltage Threshold
High to Low, Low to High
16
-
20
V
Over-voltage Comparator Debounce Time
High to Low
-
10
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com