Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
79
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Since the switchers have a strong sourcing capability but no active sinking capability, the rising slope is determined by the
switcher, but the falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced,
controlled DVS transitions in PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode
operation.
Note that there is a special mode of DVS control for Switcher Increment / Decrement (SID) operation described later in this
chapter.
DVS pin controls are not included for SW3 and SW4. However, voltage transitions programmed through the SPI will step in
increments of 25 mV per 4.0
μs, to allow SPI controlled voltage stepping with SWx[4:0]. Additionally, SW3 and SW4 include
Standby mode set point programmability.
Figure 20 shows the general behavior for the switchers when initiated with pin controlled DVS, SPI programming or standby
control.
Figure 20. SW1 Voltage Stepping with Pin Controlled DVS
Note that the DVSx input pins are reconfigured for Switcher Increment / Decrement (SID) control mode when SPI bit
SIDEN = 1. Refer to the SID description below for further details.
SWITCHER INCREMENT / DECREMENT
A scheme for incrementing or decrementing the operating set points of SW1 and SW2 is desirable for improved Dynamic
Process and Temperature Compensation (DPTC) control in support of fine tuning power domains for the processor supply tree.
An increment command will increase the set point voltage by a single 25 mV step. A decrement command will decrease the set
point by a single 25 mV step. The transition time for the step will be the same as programmed with SWxDVSSPEED[1:0] for DVS
stepping. If a switcher runs out of programmable range (in either direction), as constrained by programmable stops, then the
increment or decrement command shall be ignored.
The Switcher Increment / Decrement (SID) function is enabled with SIDEN = 1. This will reassign the function of the DVS1 and
DVS2 pins, from the default toggling between Normal and DVS operating modes, to a jog control mode for the switcher which
DVSx is assigned. Once enabled, the switcher being controlled will start at the Normal mode set point as programmed with
SWx[4:0] and await any jog commands from the processor. The adjustment scheme essentially intercepts the Normal mode set
point SPI bits (i.e., but not DVS or Standby programmed set points), and makes any necessary adjustments based on jog up or
jog down commands. The modified set point bits are then immediately passed to the switching regulator, which would then do a
DVS step in the appropriate direction. The SPI bits containing Normal mode programming are not directly altered.
Table 50. DVS Speed Selection for SW1 and SW2
SWxDVSSPEED[1:0]
Function
00
25 mV step each 2.0
μs
01 (default)
25 mV step each 4.0
μs
10
25 mV step each 8.0
μs
11
25 mV step each 16
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com