Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 74Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 75Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 161 page
background image
Analog Integrated Circuit Device Data
72
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
BUCK SWITCHER SUPPLIES
Four buck switchers are provided with integrated power switches and synchronous rectification. In a typical application, SW1
and SW2 are used for supplying the application processor core power domains. Split power domains allow independent DVS
control for processor power optimization, or to support technologies with a mix of device types with different voltage ratings. SW3
is used for powering internal processor memory as well as low voltage peripheral devices and interfaces which can run at the
same voltage level. SW4 is used for powering external memory as well as low voltage peripheral devices and interfaces which
can run at the same voltage level.
An anticipated platform use case applies SW1 and SW2 to processor power domains that require voltage alignment to allow
direct interfacing without bandwidth limiting synchronizers.
The buck switchers have to be supplied from the system supply BP, which is drawn from the main battery or the battery charger
(when present). Figure 16 shows a high level block diagram of the buck switchers.
Figure 16. Buck Switcher Architecture
VCAM
Camera supply, internal PMOS
2.5/2.6/2.75/3.0
65
Camera supply, external PNP
2.5/2.6/2.75/3.0
250
VGEN1
General peripherals supply #1, external PNP
1.2/1.5/2.775/3.15
200
VGEN2
General peripherals supply #2, external PNP
1.2/1.5/1.6/1.8/2.7/2.8/3.0/3.15
350
VGEN3
General peripherals supply #3, internal PMOS
1.8/2.9
50
General peripherals supply #3, external PNP
1.8/2.9
250
VUSB
USB Transceiver supply
3.3
100
Table 43. Power Tree Summary
Supply
Purpose (Typical Application)
Output Voltage (in V)
Load Capability (in mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com