Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 161 page
background image
Analog Integrated Circuit Device Data
82
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Figure 24. Boost Switcher Efficiency
LINEAR REGULATORS
This section describes the linear regulators provided. For convenience, these regulators are named to indicate their typical or
possible applications, but the supplies are not limited to these uses and may be applied to any loads within the specified regulator
capabilities.
A low power standby mode controlled by STANDBY is provided in which the bias current is aggressively reduced. This mode
is useful for deep sleep operation where certain supplies cannot be disabled, but active regulation can be tolerated with lesser
parametric requirements. The output drive capability and performance are limited in this mode. Refer to STANDBY Event
Definition and Control in Power Control System for more details.
Some dedicated regulators are covered in their related chapters rather than in the Supplies chapter (i.e., the VUSB and VUSB2
supplies are included in Connectivity).
Apart from the integrated linear regulators, there are also GPO output pins provided to enable and disable discrete regulators
or functional blocks, or to use as a general purpose output for any system need. For example, one application may be to enable
a battery pack thermistor bias in synchronization with timed ADC conversions.
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at REFCORE. The
bandgap and the rest of the core circuitry is supplied from VCORE. The performance of the regulators is directly dependent on
the performance of VCOREDIG and the bandgap. No external DC loading is allowed on VCOREDIG or REFCORE. VCOREDIG
is kept powered as long as there is a valid supply and/or coin cell. Table 53 captures the main characteristics of the core circuitry.
Table 53. Core Specifications
Reference
Parameter
Target
VCOREDIG (Digital core supply)
Output voltage in ON mode (61),(62)
1.5 V
Output voltage in Off mode(62)
1.2 V
Bypass Capacitor
2.2
μF typ (0.65 μF derated)
VCORE (Analog core supply)
Output voltage in ON mode (61),(62)
2.775 V
Output voltage in Off mode (62)
0 V
Bypass Capacitor
2.2
μF typ (0.65 μF derated)
REFCORE (Bandgap / Regulator Reference)
Output voltage (61)
1.20 V
Absolute Accuracy
0.50%
Temperature Drift
0.25%
Bypass Capacitor
100 nF typ (65 nF derated)
Notes
61.
3.0 V < BP < 4.65 V, no external loading on VCOREDIG, VCORE, or REFCORE. Extended operation down to UVDET, but no system
malfunction.
62.
The core is in On mode when charging or when the state machine of the IC is not in the Off mode nor in the power cut mode. Otherwise,
the core is in Off mode.
5V Boost Efficien cy
(Vin = 3.6V, Vout = 5V)
80.00
85.00
90.00
95.00
100.00
0
100
200
300
Boost Load Current (m A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com